Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4510 Datasheet (PDF) - Texas Instruments

AFE4510 Datasheet PDF - Texas Instruments
Part # AFE4510
Download  AFE4510 Download
File Size   572.52 Kbytes
Page   10 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE4510 Ultra Small, Integrated AFE for Bio Impedance Analysis, Electrical Bio Sensing & Optical Bio Sensing

AFE4510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4510 Datasheet PDF - Texas Instruments

Part # AFE4510
Download  AFE4510 Click to download

File Size   572.52 Kbytes
Page   10 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE4510 Ultra Small, Integrated AFE for Bio Impedance Analysis, Electrical Bio Sensing & Optical Bio Sensing

AFE4510 Datasheet (HTML) - Texas Instruments


AFE4510 Product details

1 Features
• Integrated signal chains for Bio-Z, EDA, ECG,
PPG
• Synchronized ECG, PPG enables PTT-based BP
• Bio-Z signal acquisition:
– Multi-frequency Body impedance Analysis with
frequency programmable up to 250kHz
– Low frequency excitation mode for EDA/GSR
– Complex (I, Q). Tetrapolar impedance
measurement
– Sine-wave excitation with a 7-bit DAC
– Calibration scheme to compensate for
electrode impedance and achieve accurate
BioZ
• ECG signal acquisition:
– 1-lead ECG signal acquisition up to 4kHz
– Mode to configure as 2-channel ECG
– INA gain programmable from 1.27 - 12.23
– RLD output to set body bias through the third
electrode
– Input noise (0.5-150Hz): 0.5μVrms at gain of
12.23
– >1GΩ input impedance, CMRR>100dB
– Integrated 370 Hz anti-aliasing low pass filter
– AC, DC lead-off detect: 1.6nA to 1μA
• PPG signal acquisition:
– Acquisition of 24 PPG signal sets (LED, AMB)
– Supports PPG sensors at different data rates
– Peak system SNR of 115 dB in 0.5-10Hz band
enables high-accuracy SpO2 measurement
– Low Current for Continuous Operation with a
Typical Value: 19μA for the Receiver
• PPG Transmitter:
– 8-Bit Programmable LED Current with a range
adjustable from 50mA to 300mA
– LED Short Detection
– Support of 16 LEDs in Common Anode
configuration for SpO2, OHRM, Spectroscopy
• PPG Receiver:
– Supports 5 PDs, 4 parallel receive paths
– Noise filtering with programmable bandwidth
– Trans-impedance Gain: 3.7kΩ to 1MΩ
– 8-bit Ambient Offset Subtraction DAC up to
256μA
– 9-bit LED Offset Subtraction DAC up to 64μA
– Digital Ambient Subtraction at ADC Output
• EDA Signal Acquisition:
– Low-power continuous EDA and PPG
acquisition using the ECG receiver
– Independent data rates for EDA and PPG
acquisition with optimized power cycling
– High-accuracy EDA signal chain for spot-check
EDA using the BIA signal chain
• Supports external clock and internal oscillator
• Option to operate 2 AFEs in parallel
• Option to configure the 5th PD input as a general
purpose voltage measurement channel
• FIFO with 384-sample Depth, SPI™
• Supplies: RX,:1.7-1.9V, I/O: 1.15-1.9V, TX:3-5.5V

2 Applications
• Bio-Z, ECG, PPG, EDA on wearable devices
• Impedance spectroscopy
• Weight scales with body composition
• Current, voltage, impedance sensing

3 Description
The AFE4510 is a versatile signal acquisition system
that supports acquiring PPG, EDA, ECG, and Bioimpedance
signals. A PPG signal chain comprises a
current driver for LEDs and a receiver that senses
the signal from PDs. An ECG receiver with a Rightleg
drive (RLD) can acquire a single-lead ECG from
a pair of electrodes. An impedance measurement
signal chain with integrated excitation & sense can be
used for applications like BIA, EDA, and Impedance
spectroscopy. The outputs of the various signal chains
are digitized by a common ADC and stored in a FIFO
which can be read out using an SPI interface




Similar Part No. - AFE4510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4500 TI-AFE4500 Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
AFE4500YBGR TI-AFE4500YBGR Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
AFE4500YBGT TI-AFE4500YBGT Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
More results


Similar Description - AFE4510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4900 TI1-AFE4900 Datasheet
685Kb / 10P
Ultra-Low Power, Integrated AFE for Wearable Optical, Electrical Bio-Sensing With FIFO
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4500 TI-AFE4500 Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4460 TI-AFE4460 Datasheet
688Kb / 11P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4432 TI-AFE4432 Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com