Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCA-20PC-6-DC4-RL-C. Datasheet (PDF) - Murata Power Solutions Inc.

DCA-20PC-6-DC4-RL-C. Datasheet PDF - Murata Power Solutions Inc.
Part # DCA-20PC-6-DC4-RL-C.
Download  DCA-20PC-6-DC4-RL-C. Download
File Size   1038.21 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description LED Display, Subminiature DC Ammeters with Built-In Shunts

DCA-20PC-6-DC4-RL-C. Datasheet (PDF)

Go To PDF Page Download Datasheet
DCA-20PC-6-DC4-RL-C. Datasheet PDF - Murata Power Solutions Inc.

Part # DCA-20PC-6-DC4-RL-C.
Download  DCA-20PC-6-DC4-RL-C. Click to download

File Size   1038.21 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description LED Display, Subminiature DC Ammeters with Built-In Shunts

DCA-20PC-6-DC4-RL-C. Datasheet (HTML) - Murata Power Solutions Inc.


DCA-20PC-6-DC4-RL-C. Product details

Built-in shunts for digitally measuring dc currents from 200uA to 20A
Functionally complete – no additional components required
Wide power supply inputs:
5 to 40Vdc for 5V/12/24V/28V applications
36-75V option for telecom supplies
8-36Vdc Isolated-supply models for high-side shunts
20mV internal shunt minimizes power loss
Includes load connections for easy 3 or 4-wire operation
High resolution; Factory calibrated to ±0.1% accuracy
Large, easy-to-read, LED display with 0.37” (9.4mm)
high digits
Available with red, blue or green LED displays
Small 1.38˝ x 0.88˝ x 1.0˝ package




Similar Part No. - DCA-20PC-6-DC4-RL-C.

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCA-200-CV ARISTA-DCA-200-CV Datasheet
2Mb / 54P
Quick Start Guide CloudVision Appliance
DCA-200-VEOS ARISTA-DCA-200-VEOS Datasheet
5Mb / 60P
CloudEOS and vEOS Router Appliance Guide
More results


Similar Description - DCA-20PC-6-DC4-RL-C.

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
True-RMS-AC Ammeters with Built-in CT
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
5 Amp Input LED-Display AC Ammeters
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Riedon Powertron
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com