Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR30-DCV1-1-DC4-R-C Datasheet (PDF) - Murata Power Solutions Inc.

DMR30-DCV1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMR30-DCV1-1-DC4-R-C
Download  DMR30-DCV1-1-DC4-R-C Download
File Size   757.85 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Voltmeter

DMR30-DCV1-1-DC4-R-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR30-DCV1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMR30-DCV1-1-DC4-R-C
Download  DMR30-DCV1-1-DC4-R-C Click to download

File Size   757.85 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Precision DC Voltmeter

DMR30-DCV1-1-DC4-R-C Datasheet (HTML) - Murata Power Solutions Inc.


DMR30-DCV1-1-DC4-R-C Product details

Selectable +/-200mV, 2V, 20V input ranges
Bright 0.45" (11.4mm) LED display visible up to 20 feet (6 meters)
Long-life contactless touch-sensor controls
Peak and valley measurement modes
Digital filter option for measurements in noisy environments
Solid-state alarm relay with programmable trip-point and hysteresis
Convenient mounting options
Operates from 9 to 32 VDC
Low current consumption; 40mA typical at 12VDC
Two year warranty




Similar Part No. - DMR30-DCV1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR30-PM1 MURATA-PS-DMR30-PM1 Datasheet
919Kb / 11P
DC Process Meter
2019
DMR30-PM1-1-DC4-B-C MURATA-PS-DMR30-PM1-1-DC4-B-C Datasheet
919Kb / 11P
DC Process Meter
2019
DMR30-PM1-1-DC4-G-C MURATA-PS-DMR30-PM1-1-DC4-G-C Datasheet
919Kb / 11P
DC Process Meter
2019
DMR30-PM1-1-DC4-R-C MURATA-PS-DMR30-PM1-1-DC4-R-C Datasheet
919Kb / 11P
DC Process Meter
2019
DMR30-TC1 MURATA-PS-DMR30-TC1 Datasheet
777Kb / 10P
Thermocouple Temperature Meter
2019
More results


Similar Description - DMR30-DCV1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
logo
List of Unclassifed Man...
Q2000-AVR4 ETC2-Q2000-AVR4 Datasheet
112Kb / 2P
DC Voltmeter, Ammeter, Indicator/ Controller
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
DC VOLTMETER & AMMETER
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV305 SELEC-MV305 Datasheet
349Kb / 1P
Digital Voltmeter
MV507 SELEC-MV507 Datasheet
393Kb / 1P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
Carlo Gavazzi Holding A...
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
Panel Meters and Controllers DC Ammeter and Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com