Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR30-PM1-1-DC4-R-C Datasheet (PDF) - Murata Power Solutions Inc.

DMR30-PM1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMR30-PM1-1-DC4-R-C
Download  DMR30-PM1-1-DC4-R-C Download
File Size   919.07 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DC Process Meter

DMR30-PM1-1-DC4-R-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR30-PM1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMR30-PM1-1-DC4-R-C
Download  DMR30-PM1-1-DC4-R-C Click to download

File Size   919.07 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description DC Process Meter

DMR30-PM1-1-DC4-R-C Datasheet (HTML) - Murata Power Solutions Inc.


DMR30-PM1-1-DC4-R-C Product details

Measures 0-5V, 0-10V, 0-20mA and 4-20mA process signals
Supports physical units, percentage full-scale and arbitrary user display scales
Bright 0.45" (11.4mm) LED display visible up to 20 feet (6 meters)
Long-life contactless touch-sensor controls
Peak and valley measurement modes
Digital filter option for measurements in noisy environments
Solid-state alarm relay with programmable trip-point and hysteresis
Convenient mounting options
Operates from 9 to 32 VDC
Low current consumption; 40mA typical at 12VDC
Two year warranty




Similar Part No. - DMR30-PM1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR30-DCV1 MURATA-PS-DMR30-DCV1 Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-B-C MURATA-PS-DMR30-DCV1-1-DC4-B-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-G-C MURATA-PS-DMR30-DCV1-1-DC4-G-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-R-C MURATA-PS-DMR30-DCV1-1-DC4-R-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-TC1 MURATA-PS-DMR30-TC1 Datasheet
777Kb / 10P
Thermocouple Temperature Meter
2019
More results


Similar Description - DMR30-PM1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1407 SANYO-LB1407 Datasheet
76Kb / 3P
AC/DC Voltage Level Meter
logo
RCD COMPONENTS INC.
SHM50500CW RCD-SHM50500CW Datasheet
108Kb / 1P
DC Meter Shunts 50A to 15000A
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
Digital Process Meter for Incremental Sensors
PD-SSI-24VDC-G24V ASM-SENSOR-PD-SSI-24VDC-G24V Datasheet
325Kb / 3P
Digital Process Meter for Sensors with SSI output
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
Digital Process Meter for Time-of-Flight Sensors
logo
Extech Instruments Corp...
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
logo
List of Unclassifed Man...
205-P ETC2-205-P Datasheet
714Kb / 2P
3 1/2 DIGIT MINI-SIZE PROCESS METER
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com