Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR30-TC1-1-DC4-R-C Datasheet (PDF) - Murata Power Solutions Inc.

DMR30-TC1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMR30-TC1-1-DC4-R-C
Download  DMR30-TC1-1-DC4-R-C Download
File Size   777.09 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Thermocouple Temperature Meter

DMR30-TC1-1-DC4-R-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR30-TC1-1-DC4-R-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMR30-TC1-1-DC4-R-C
Download  DMR30-TC1-1-DC4-R-C Click to download

File Size   777.09 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Thermocouple Temperature Meter

DMR30-TC1-1-DC4-R-C Datasheet (HTML) - Murata Power Solutions Inc.


DMR30-TC1-1-DC4-R-C Product details

Works with ANSI type J,K,T, and E thermocouples
Selectable Celsius, Fahrenheit or Kelvin measurement units
Bright 0.45" (11.4mm) LED display visible up to 20 feet (6 meters)
Long-life contactless touch-sensor controls
Peak and valley measurement modes
Digital filter option for measurements in noisy environments
Solid-state alarm relay with programmable trip-point and hysteresis
Convenient mounting options
Operates from 9 to 32 VDC
Low current consumption; 40mA typical at 12VDC
Two year warranty




Similar Part No. - DMR30-TC1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR30-DCV1 MURATA-PS-DMR30-DCV1 Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-B-C MURATA-PS-DMR30-DCV1-1-DC4-B-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-G-C MURATA-PS-DMR30-DCV1-1-DC4-G-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-DCV1-1-DC4-R-C MURATA-PS-DMR30-DCV1-1-DC4-R-C Datasheet
757Kb / 11P
Precision DC Voltmeter
2019
DMR30-PM1 MURATA-PS-DMR30-PM1 Datasheet
919Kb / 11P
DC Process Meter
2019
More results


Similar Description - DMR30-TC1-1-DC4-R-C

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407227 EXTECH-407227 Datasheet
188Kb / 6P
Heavy Duty pH, mV, & Temperature Meter
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Fuji Electric
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
Thermocouple Temperature Signal Input Alarms
logo
Extech Instruments Corp...
OYSTER-16 EXTECH-OYSTER-16 Datasheet
176Kb / 1P
Oyster??Series pH/mV/Temperature Meter
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Extech Instruments Corp...
SDL470 EXTECH-SDL470 Datasheet
413Kb / 14P
UVA, UVC Light Meter with Temperature
logo
Vaisala
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com