Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560112110012 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

560112110012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 560112110012
Download  560112110012 Download
File Size   718.94 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WRIS-RSKS Thick Film - Anti- Sulfur General Purpose

560112110012 Datasheet (PDF)

Go To PDF Page Download Datasheet
560112110012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 560112110012
Download  560112110012 Click to download

File Size   718.94 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WRIS-RSKS Thick Film - Anti- Sulfur General Purpose

560112110012 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


560112110012 Product details

General Information:
Resistance Element Type RuO2
Resistor Technology Thick Film Resistors
Operating Temperature -55 up to +155 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 25 % up to 75 % RH
Test conditions of electrical properties: +20 °C, 35 % RH if not specified differently
Sulfur resistant: Tested according to ASTM-B-809
FIT according to separate documentation
Component conform to REACh and RoHS requirements and standards




Similar Part No. - 560112110012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
560112110010 WURTH-560112110010 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110011 WURTH-560112110011 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110013 WURTH-560112110013 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110014 WURTH-560112110014 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110015 WURTH-560112110015 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
More results


Similar Description - 560112110012

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Wurth Elektronik GmbH &...
560050310010 WURTH-560050310010 Datasheet
342Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050316001 WURTH-560050316001 Datasheet
347Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050320003 WURTH-560050320003 Datasheet
346Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050363012 WURTH-560050363012 Datasheet
346Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
561020132009 WURTH-561020132009 Datasheet
309Kb / 6P
WRIS-KWKB Thick Film Resistors
001.001
561020132032 WURTH-561020132032 Datasheet
347Kb / 6P
WRIS-KWKB Thick Film Resistors
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com