Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560112110012 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 560112110012
Description  WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

560112110012 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  560112110012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 560112110012 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dimensions: [mm]
1,0 ±0,05
0,25 ±0,1
0,2 ±0,1
Scale - 35:1
Recommended Land Pattern: [mm]
0,5
0,5
1,5
Scale - 35:1
Schematic:
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Resistance
R
1
kΩ
±1%
Rated Power
PRated @ 70 °C
0.1
W
max.
Limiting Element Voltage
VE
50
V
max.
Temperature Coefficient of
Resistance (min.)
TCR
-100
ppm/ °C
Temperature Coefficient of
Resistance (max.)
TCR
100
ppm/ °C
Rated Voltage (V) = √(Rated Power (W) x Nominal Resistance Value (Ω))
Rated voltage shall be the calculated value or limiting element voltage, whichever is lower. The limiting
element voltage is the rated voltage at the critical resistance value.
General Information:
Resistance Element Type
RuO2
Resistor Technology
Thick Film Resistors
Operating Temperature
-55 up to +155 °C
Storage Conditions
(in original packaging)
5 °C up to + 35 °C; 25 % up to 75 % RH
Test conditions of electrical properties: +20 °C, 35 % RH if not specified differently
Sulfur resistant: Tested according to ASTM-B-809
FIT according to separate documentation
Component conform to REACh and RoHS requirements and standards
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
FPu
001.000
2023-09-14
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WRIS-RSKS Thick Film - Anti-
Sulfur General Purpose
KS04021001F110KAATH0000
ORDER CODE
560112110012
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0402
eiSos
Valid
1/9
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 560112110012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
560112110010 WURTH-560112110010 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110011 WURTH-560112110011 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110013 WURTH-560112110013 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110014 WURTH-560112110014 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
560112110015 WURTH-560112110015 Datasheet
717Kb / 9P
WRIS-RSKS Thick Film - Anti- Sulfur General Purpose
001.000
More results

Similar Description - 560112110012

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Wurth Elektronik GmbH &...
560050310010 WURTH-560050310010 Datasheet
342Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050316001 WURTH-560050316001 Datasheet
347Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050320003 WURTH-560050320003 Datasheet
346Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
560050363012 WURTH-560050363012 Datasheet
346Kb / 6P
WRIS-KSKE Thick Film Resistors
001.000
561020132009 WURTH-561020132009 Datasheet
309Kb / 6P
WRIS-KWKB Thick Film Resistors
001.001
561020132032 WURTH-561020132032 Datasheet
347Kb / 6P
WRIS-KWKB Thick Film Resistors
001.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com