Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1865A Datasheet (PDF) - Belden Inc.

1865A Datasheet PDF - Belden Inc.
Part # 1865A
Download  1865A Download
File Size   193.12 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR

1865A Datasheet (PDF)

Go To PDF Page Download Datasheet
1865A Datasheet PDF - Belden Inc.

Part # 1865A
Download  1865A Click to download

File Size   193.12 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR

1865A Datasheet (HTML) - Belden Inc.


1865A Product details

Product Description
25 AWG stranded (19x37) .021" bare copper conductor, gas-injected foam HDPE insulation, Duofoil®; tinned copper braid shield (95% coverage), PVC jacket.




Similar Part No. - 1865A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1865A ETC2-1865A Datasheet
32Kb / 4P
25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1865A0011000 ETC2-1865A0011000 Datasheet
32Kb / 4P
25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1865A0021000 ETC2-1865A0021000 Datasheet
32Kb / 4P
25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1865A0031000 ETC2-1865A0031000 Datasheet
32Kb / 4P
25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
1865A0041000 ETC2-1865A0041000 Datasheet
32Kb / 4P
25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
More results


Similar Description - 1865A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com