Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1865A Datasheet (PDF) - List of Unclassifed Manufacturers

1865A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1865A
Download  1865A Download
File Size   32.78 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation

1865A Datasheet (PDF)

Go To PDF Page Download Datasheet
1865A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1865A
Download  1865A Click to download

File Size   32.78 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation

1865A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1865A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1865A BELDEN-1865A Datasheet
193Kb / 3P
Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0011000 BELDEN-1865A-0011000 Datasheet
193Kb / 3P
Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0021000 BELDEN-1865A-0021000 Datasheet
193Kb / 3P
Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0031000 BELDEN-1865A-0031000 Datasheet
193Kb / 3P
Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
1865A-0041000 BELDEN-1865A-0041000 Datasheet
193Kb / 3P
Serial Digital Coax, Sub-miniature, #25 Stranded BC, CMR
12-16-2022
More results


Similar Description - 1865A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345383 ETC2-1345383 Datasheet
105Kb / 4P
20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1505F ETC2-1505F Datasheet
32Kb / 4P
22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
1694F ETC2-1694F Datasheet
90Kb / 4P
19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
7807A ETC2-7807A Datasheet
102Kb / 3P
RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com