Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1990368 Datasheet (PDF) - PHOENIX CONTACT

1990368 Datasheet PDF - PHOENIX CONTACT
Part # 1990368
Download  1990368 Download
File Size   420.55 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 4-10- 5 - PCB terminal block

1990368 Datasheet (PDF)

Go To PDF Page Download Datasheet
1990368 Datasheet PDF - PHOENIX CONTACT

Part # 1990368
Download  1990368 Click to download

File Size   420.55 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 4-10- 5 - PCB terminal block

1990368 Datasheet (HTML) - PHOENIX CONTACT


1990368 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 630 V, nominal cross section: 4
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
ZFKDS(A) 4, pitch: 10 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 4.6 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Separate bridge shaft for easily connecting multiple positions to jumpers
• Quick and convenient testing using integrated test option




Similar Part No. - 1990368

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19903 DESCO-19903 Datasheet
313Kb / 1P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
February 2019
logo
PHOENIX CONTACT
1990300 PHOENIX-1990300 Datasheet
93Kb / 3P
MKDS 3/ 8 CRWH
More results


Similar Description - 1990368

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722561 PHOENIX-1722561 Datasheet
67Kb / 3P
PCB terminal block - ZFKDSA 4-10- 6
1805504 PHOENIX-1805504 Datasheet
90Kb / 3P
PCB terminal block - ZFKDSA 4-7,5-10
1907542 PHOENIX-1907542 Datasheet
105Kb / 7P
PCB terminal block - ZFKDSA 4-9
1988451 PHOENIX-1988451 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 5
1987054 PHOENIX-1987054 Datasheet
284Kb / 9P
PCB terminal block - ZFKDSA 10-11,7
1987067 PHOENIX-1987067 Datasheet
322Kb / 9P
PCB terminal block - ZFKDSA 10-16,7
1989191 PHOENIX-1989191 Datasheet
290Kb / 8P
PCB terminal block - ZFKDSA 4-7,5- 5
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1735422 PHOENIX-1735422 Datasheet
578Kb / 18P
ZFKDSA 4-10-12 - PCB terminal block
1736793 PHOENIX-1736793 Datasheet
343Kb / 12P
ZFKDSA 4-7,5- 4 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com