Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59044 Datasheet (PDF) - EPCOS

B59044 Datasheet PDF - EPCOS
Part # B59044
Download  B59044 Download
File Size   62.48 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Heating Elements Metallized Rectangular Disks, 42 V Power Net

B59044 Datasheet (PDF)

Go To PDF Page Download Datasheet
B59044 Datasheet PDF - EPCOS

Part # B59044
Download  B59044 Click to download

File Size   62.48 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Heating Elements Metallized Rectangular Disks, 42 V Power Net

B59044 Datasheet (HTML) - EPCOS




Similar Part No. - B59044

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59044A1120B110 EPCOS-B59044A1120B110 Datasheet
190Kb / 8P
PTC thermistors for overcurrent protection in telecom applications
More results


Similar Description - B59044

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59060 EPCOS-B59060 Datasheet
82Kb / 3P
Metallized Round Disks, 12 V Heating Elements
B59062 EPCOS-B59062 Datasheet
78Kb / 3P
Metallized Round Disks, 42 V Power Net Heating Elements
B59053 EPCOS-B59053 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59065 EPCOS-B59065 Datasheet
82Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59101 EPCOS-B59101 Datasheet
68Kb / 4P
Heating Elements Metallized Rectangular Disks, 230 V
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
PTC thermistors as heating elements
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com