Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59101 Datasheet (PDF) - EPCOS

B59101 Datasheet PDF - EPCOS
Part # B59101
Download  B59101 Download
File Size   68.93 Kbytes
Page   4 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Heating Elements Metallized Rectangular Disks, 230 V

B59101 Datasheet (PDF)

Go To PDF Page Download Datasheet
B59101 Datasheet PDF - EPCOS

Part # B59101
Download  B59101 Click to download

File Size   68.93 Kbytes
Page   4 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Heating Elements Metallized Rectangular Disks, 230 V

B59101 Datasheet (HTML) - EPCOS


B59101 Product details

Features
■ Molded epoxy encapsulation, lead-free tinned solder terminals
■ Suitable for wave and reflow soldering
■ Suitable for automatic placement
■ Qualification based on AEC-Q200, Rev. C
■ RoHS-compatible

Applications
■ Overcurrent protection
■ Short circuit protection




Similar Part No. - B59101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
319Kb / 10P
PTC thermistors for overcurrent protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
319Kb / 11P
PTC thermistors for overcurrent protection
B59101P1080A62 EPCOS-B59101P1080A62 Datasheet
319Kb / 11P
PTC thermistors for overcurrent protection
B59101P1120A062 EPCOS-B59101P1120A062 Datasheet
83Kb / 4P
Overcurrent protection
More results


Similar Description - B59101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59060 EPCOS-B59060 Datasheet
82Kb / 3P
Metallized Round Disks, 12 V Heating Elements
B59062 EPCOS-B59062 Datasheet
78Kb / 3P
Metallized Round Disks, 42 V Power Net Heating Elements
B59044 EPCOS-B59044 Datasheet
62Kb / 3P
Heating Elements Metallized Rectangular Disks, 42 V Power Net
B59053 EPCOS-B59053 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59065 EPCOS-B59065 Datasheet
82Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
PTC thermistors as heating elements
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com