Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82500 Datasheet (PDF) - EPCOS

B82500 Datasheet PDF - EPCOS
Part # B82500
Download  B82500 Download
File Size   57.57 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH

B82500 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82500 Datasheet PDF - EPCOS

Part # B82500
Download  B82500 Click to download

File Size   57.57 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH

B82500 Datasheet (HTML) - EPCOS


B82500 Product details

VHF chokes with ferrite core
Rated voltage 250 V dc/ac
Rated current 0,2 to 2 A
Rated inductance 120 to 3900 mH



Features
■ High resonance frequency
■ High inductance ratings

Applications
■ RF blocking and filtering
■ Interference suppression in small appliances




Similar Part No. - B82500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82500 EPCOS-B82500 Datasheet
104Kb / 6P
Inductors
B82500C0000A002 EPCOS-B82500C0000A002 Datasheet
104Kb / 6P
Inductors
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
Inductors VHF chokes
logo
EPCOS
B82500C0000A005 EPCOS-B82500C0000A005 Datasheet
104Kb / 6P
Inductors
logo
TDK Electronics
B82500C0000A005 TDK-B82500C0000A005 Datasheet
524Kb / 6P
Inductors VHF chokes
More results


Similar Description - B82500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82141A EPCOS-B82141A Datasheet
229Kb / 10P
SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82114 EPCOS-B82114 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
logo
WAGO Kontakttechnik Gmb...
855-3001-250-001 WAGO-855-3001-250-001 Datasheet
199Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4001-250-000 WAGO-855-4001-250-000 Datasheet
213Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4005-250-100 WAGO-855-4005-250-100 Datasheet
214Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4105-250-101 WAGO-855-4105-250-101 Datasheet
216Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-5101-250-001 WAGO-855-5101-250-001 Datasheet
274Kb / 5P
Split-core current transformer; Primary rated current: 250 A
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com