Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC02A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54LVC02A Datasheet PDF - Texas Instruments
Part # SN54LVC02A
Download  SN54LVC02A Download
File Size   2691.61 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC02A Quadruple 2-Input Positive-NOR Gates

SN54LVC02A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC02A Datasheet PDF - Texas Instruments

Part # SN54LVC02A
Download  SN54LVC02A Click to download

File Size   2691.61 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC02A Quadruple 2-Input Positive-NOR Gates

SN54LVC02A Datasheet (HTML) - Texas Instruments


SN54LVC02A Product details

1 Features
• Operate from 1.65V to 3.6V
• Specified from –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.4ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA per JESD
17

2 Description
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
The device performs the Boolean function Y = A + B
or Y = A ⋅ B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC02A TI-SN54LVC02A Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
1Mb / 21P
SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
MARCH 2024
SN54LVC02A TI2-SN54LVC02A Datasheet
3Mb / 42P
SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2024
SN54LVC02AFK TI-SN54LVC02AFK Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Similar Description - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com