Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC02A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54LVC02A Datasheet PDF - Texas Instruments
Part # SN54LVC02A
Download  SN54LVC02A Download
File Size   1355.86 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate

SN54LVC02A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC02A Datasheet PDF - Texas Instruments

Part # SN54LVC02A
Download  SN54LVC02A Click to download

File Size   1355.86 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate

SN54LVC02A Datasheet (HTML) - Texas Instruments


SN54LVC02A Product details

1 Features
• Qualified for automotive applications
• ESD protection exceeds 2000V per MIL-STD-883,
Method 3015
• Inputs accept voltages to 5.5V

2 Description
The quadruple 2-input positive-NOR gate is designed
for 2.7V to 3.6V VCC operation.
The SN74LVC02A-Q1 performs the Boolean function
Y = A + B or Y = A • B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC02A TI-SN54LVC02A Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
2Mb / 37P
SN74LVC02A Quadruple 2-Input Positive-NOR Gates
MARCH 2024
SN54LVC02A TI2-SN54LVC02A Datasheet
3Mb / 42P
SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2024
SN54LVC02AFK TI-SN54LVC02AFK Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Similar Description - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC02 TI-SN74AUC02 Datasheet
166Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74HC02-Q1 TI1-SN74HC02-Q1 Datasheet
230Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-Q1 TI1-SN74LVC02A-Q1 Datasheet
236Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
SN74AHC02-Q1 TI-SN74AHC02-Q1_V01 Datasheet
1Mb / 21P
SN74AHC02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
REVISED JUNE 2023
SN74AHCT02-Q1 TI1-SN74AHCT02-Q1 Datasheet
1Mb / 21P
SN74AHCT02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
MAY 2023
SN74AHC1G02-Q1 TI1-SN74AHC1G02-Q1 Datasheet
995Kb / 22P
SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
AUGUST 2023
SN74AHC1G02-Q1 TI-SN74AHC1G02-Q1_V01 Datasheet
1Mb / 26P
SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com