Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC02A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVC02A
Description  SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVC02A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LVC02A Datasheet HTML 1Page - Texas Instruments SN54LVC02A Datasheet HTML 2Page - Texas Instruments SN54LVC02A Datasheet HTML 3Page - Texas Instruments SN54LVC02A Datasheet HTML 4Page - Texas Instruments SN54LVC02A Datasheet HTML 5Page - Texas Instruments SN54LVC02A Datasheet HTML 6Page - Texas Instruments SN54LVC02A Datasheet HTML 7Page - Texas Instruments SN54LVC02A Datasheet HTML 8Page - Texas Instruments SN54LVC02A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
1 Features
• Qualified for automotive applications
• ESD protection exceeds 2000V per MIL-STD-883,
Method 3015
• Inputs accept voltages to 5.5V
2 Description
The quadruple 2-input positive-NOR gate is designed
for 2.7V to 3.6V VCC operation.
The SN74LVC02A-Q1 performs the Boolean function
Y = A + B or Y = A • B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74LVC02A-Q1
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
A
B
Y
Logic Diagram, Each Gate (Positive Logic)
SN74LVC02A-Q1
SCES465D – JULY 2003 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC02A TI-SN54LVC02A Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LVC02A TI1-SN54LVC02A Datasheet
2Mb / 37P
SN74LVC02A Quadruple 2-Input Positive-NOR Gates
MARCH 2024
SN54LVC02A TI2-SN54LVC02A Datasheet
3Mb / 42P
SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2024
SN54LVC02AFK TI-SN54LVC02AFK Datasheet
124Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - SN54LVC02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC02 TI-SN74AUC02 Datasheet
166Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74HC02-Q1 TI1-SN74HC02-Q1 Datasheet
230Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-Q1 TI1-SN74LVC02A-Q1 Datasheet
236Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
SN74AHC02-Q1 TI-SN74AHC02-Q1_V01 Datasheet
1Mb / 21P
SN74AHC02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
REVISED JUNE 2023
SN74AHCT02-Q1 TI1-SN74AHCT02-Q1 Datasheet
1Mb / 21P
SN74AHCT02-Q1 Automotive Quadruple 2-Input Positive-NOR Gates
MAY 2023
SN74AHC1G02-Q1 TI1-SN74AHC1G02-Q1 Datasheet
995Kb / 22P
SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
AUGUST 2023
SN74AHC1G02-Q1 TI-SN74AHC1G02-Q1_V01 Datasheet
1Mb / 26P
SN74AHC1G02-Q1 Automotive Single 2-Input Positive-NOR Gate
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com