Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC08A Datasheet PDF - Texas Instruments
Part # SN74LVC08A
Download  SN74LVC08A Download
File Size   2746.0 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC08A Quadruple 2-Input Positive-AND Gates

SN74LVC08A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC08A Datasheet PDF - Texas Instruments

Part # SN74LVC08A
Download  SN74LVC08A Click to download

File Size   2746.0 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC08A Quadruple 2-Input Positive-AND Gates

SN74LVC08A Datasheet (HTML) - Texas Instruments


SN74LVC08A Product details

1 Features
• Latch-up performance exceeds 250mA
per JESD 17
• ESD protection exceeds JESD 22
– 2000V Human-Body Model (A114-A)
– 1000V Charged-Device Model (C101)
– On products compliant to MIL-PRF-38535,
All parameters are tested unless otherwise
noted. On all other products, production
processing does not necessarily include testing
of all parameters.
• SN74LVC08A operates from 1.65V to 3.6V
• SN54LVC08A operates from 2.0V to 3.6V
• SNx4LVC08A specified from –40°C to +85°C and
–40°C to +125°C
• SN54LVC08A specified from –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.1ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C

2 Applications
• Servers
• LED Displays
• Network Switches
• I/O Expanders
• Base Station Processor Board

3 Description
The SN54LVC08A quadruple 2-input positive-AND
gate is designed for 2.7V to 3.6V VCC operation,
and the SN74LVC08A quadruple 2-input positive-AND
gate is designed for 1.65V to 3.6V VCC operation.
The SNx4LVC08A devices perform the Boolean
function Y  A • B or Y  AB in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08A TI-SN74LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
792Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
899Kb / 24P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI1-SN74LVC08A Datasheet
1Mb / 32P
Quadruple 2-Input Positive-AND Gates
SN74LVC08A TI1-SN74LVC08A Datasheet
1Mb / 21P
SN74LVC08A-Q1 Automotive Quadruple 2-Input Positive-AND Gate
MAY 2024
More results


Similar Description - SN74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com