Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC08A Datasheet PDF - Texas Instruments
Part # SN74LVC08A
Download  SN74LVC08A Download
File Size   1353.83 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC08A-Q1 Automotive Quadruple 2-Input Positive-AND Gate

SN74LVC08A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC08A Datasheet PDF - Texas Instruments

Part # SN74LVC08A
Download  SN74LVC08A Click to download

File Size   1353.83 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC08A-Q1 Automotive Quadruple 2-Input Positive-AND Gate

SN74LVC08A Datasheet (HTML) - Texas Instruments


SN74LVC08A Product details

1 Features
• Qualified for automotive applications
• Operates from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Max tpd of 4.1ns at 3.3V
• Typical VOLP (output ground bounce) < 0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) > 2V at VCC
= 3.3V, TA = 25°C

2 Description
The SN74LVC08A-Q1 quadruple 2-input positive-AND
gate is designed for 2.7V to 3.6V VCC operation.
The device performs the Boolean function Y = A • B or
in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08A TI-SN74LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
792Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
899Kb / 24P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI1-SN74LVC08A Datasheet
1Mb / 32P
Quadruple 2-Input Positive-AND Gates
SN74LVC08A TI1-SN74LVC08A Datasheet
2Mb / 44P
SNx4LVC08A Quadruple 2-Input Positive-AND Gates
MARCH 2024
More results


Similar Description - SN74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74AHCT08Q-Q1 TI-SN74AHCT08Q-Q1_V01 Datasheet
1Mb / 20P
SN74AHCT08Q-Q1 Automotive Quadruple 2-Input Positive-AND Gates
REVISED DECEMBER 2022
SN74AHCT08Q-Q1 TI-SN74AHCT08Q-Q1_V02 Datasheet
1Mb / 23P
SN74AHCT08Q-Q1 Automotive Quadruple 2-Input Positive-AND Gates
REVISED MAY 2023
SN74AHCT32-Q1 TI-SN74AHCT32-Q1_V01 Datasheet
1Mb / 26P
SN74AHCT32-Q1 Automotive Quadruple 2-Input Positive-OR Gate
REVISED MAY 2023
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
SN74AHC08Q-Q1 TI-SN74AHC08Q-Q1_V01 Datasheet
1Mb / 21P
SN74AHC08Q-Q1 Automotive Quadruple 2-Input Positive-and Gate
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com