Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49U Datasheet (PDF) - Yuechung International Corp.

49U Datasheet PDF - Yuechung International Corp.
Part # 49U
Download  49U Download
File Size   157.6 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description 49U.49T 50U Series : HC-49U HC-40T HC-50U Quartz Crystal

49U Datasheet (PDF)

Go To PDF Page Download Datasheet
49U Datasheet PDF - Yuechung International Corp.

Part # 49U
Download  49U Click to download

File Size   157.6 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description 49U.49T 50U Series : HC-49U HC-40T HC-50U Quartz Crystal

49U Datasheet (HTML) - Yuechung International Corp.




Similar Part No. - 49U

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
49U SHOULDER-49U Datasheet
86Kb / 3P
CRYSTAL RESONATOR
logo
Yuechung International ...
49US YIC-49US Datasheet
180Kb / 1P
49US,49SL Series: HC-49US,HC-49SL Quartz Crystal 49SMT,49SLMT Series: HC-49SMD,HC-49SLME Quartz Crystal
logo
EUROQUARTZ limited
49USMX EUROQUARTZ-49USMX Datasheet
329Kb / 1P
49SMD Standard and Low Profile
More results


Similar Description - 49U

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX35 AXTAL-AXX35 Datasheet
65Kb / 2P
Quartz Crystal Unit in HC-35/U package
2003-11-08
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U
2005-01-15
AXX49S AXTAL-AXX49S Datasheet
156Kb / 2P
Quartz Crystal Unit HC-49/U with low profile
2005-01-15
AXX52 AXTAL-AXX52 Datasheet
129Kb / 2P
Quartz Crystal Unit HC-52/U / UM-1
2005-01-15
logo
Oscilent Corporation
711-L07A-U OSCILENT-711-L07A-U Datasheet
147Kb / 3P
HC-49U / HC-49T Monolithic Dip Type
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US_14 Datasheet
784Kb / 3P
THT QUARTZ CRYSTAL SERIES HC-49/US
HC-49US-SMD PETERMANN-HC-49US-SMD_14 Datasheet
860Kb / 4P
SMD QUARTZ CRYSTAL SERIES HC-49/US-SMD
logo
ECS, Inc.
700-9001 ECS-700-9001 Datasheet
912Kb / 1P
HC-49U/US Base Insulator
700-TFL-9001 ECS-700-TFL-9001 Datasheet
83Kb / 1P
HC-49U/US Base Insulator
logo
Transko Electronics, In...
HC49UT TRANSKO-HC49UT Datasheet
376Kb / 1P
MONOLITHIC CRYSTAL FILTER (HC-49U, HC-49T)
Rev. 1: Dec. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com