Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49U Datasheet (PDF) - Shoulder Electronics Limited.

49U Datasheet PDF - Shoulder Electronics Limited.
Part # 49U
Download  49U Download
File Size   86.66 Kbytes
Page   3 Pages
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.
Description CRYSTAL RESONATOR

49U Datasheet (PDF)

Go To PDF Page Download Datasheet
49U Datasheet PDF - Shoulder Electronics Limited.

Part # 49U
Download  49U Click to download

File Size   86.66 Kbytes
Page   3 Pages
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.
Description CRYSTAL RESONATOR

49U Datasheet (HTML) - Shoulder Electronics Limited.




Similar Part No. - 49U

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
49U YIC-49U Datasheet
157Kb / 1P
49U.49T 50U Series : HC-49U HC-40T HC-50U Quartz Crystal
49US YIC-49US Datasheet
180Kb / 1P
49US,49SL Series: HC-49US,HC-49SL Quartz Crystal 49SMT,49SLMT Series: HC-49SMD,HC-49SLME Quartz Crystal
logo
EUROQUARTZ limited
49USMX EUROQUARTZ-49USMX Datasheet
329Kb / 1P
49SMD Standard and Low Profile
More results


Similar Description - 49U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Shoulder Electronics Li...
TF38 SHOULDER-TF38 Datasheet
101Kb / 2P
CRYSTAL RESONATOR
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
49S SHOULDER-49S Datasheet
175Kb / 3P
CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
CRYSTAL RESONATOR
ZM309 SHOULDER-ZM309 Datasheet
82Kb / 4P
CRYSTAL RESONATOR
SMD0705 SHOULDER-SMD0705 Datasheet
94Kb / 3P
CRYSTAL RESONATOR
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
logo
AEL Crystals Ltd
HC51U AEL-HC51U Datasheet
58Kb / 1P
Crystal Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com