Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82482-A2 Datasheet (PDF) - EPCOS

B82482-A2 Datasheet PDF - EPCOS
Part # B82482-A2
Download  B82482-A2 Download
File Size   74.41 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT Ferrite Beads

B82482-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82482-A2 Datasheet PDF - EPCOS

Part # B82482-A2
Download  B82482-A2 Click to download

File Size   74.41 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT Ferrite Beads

B82482-A2 Datasheet (HTML) - EPCOS


B82482-A2 Product details

SMT Ferrite Beads

Rated impedance 27 to 91 W
Rated current 3 and 4 A

Construction
■ Size 0603 to 1806 (EIA) or 1608 to 4516 (IEC)
■ Ferrite core

Features
■ Low dc resistance
■ High rated current
■ Available in various sizes
■ Suitable for reflow (IR and vapor phase) and wave soldering

Applications
Prevention of high-frequency EMI in
■ computers, printers
■ VCRs, TVs




Similar Part No. - B82482-A2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3102-A EPCOS-B82482-A3102-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3121-A EPCOS-B82482-A3121-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3221-A EPCOS-B82482-A3221-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3600-A EPCOS-B82482-A3600-A Datasheet
76Kb / 6P
Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
More results


Similar Description - B82482-A2

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012 Datasheet
41Kb / 2P
Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
Multilayer Ferrite Beads
14-Mar-06
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
Multilayer Ferrite Beads
28-Aug-07
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
Multilayer Ferrite Beads
WFB ALLIED-WFB Datasheet
431Kb / 1P
Wound Ferrite Beads
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com