Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82482-A2 Datasheet(PDF) 2 Page - EPCOS

Part # B82482-A2
Description  SMT Ferrite Beads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82482-A2 Datasheet(HTML) 2 Page - EPCOS

  B82482-A2 Datasheet HTML 1Page - EPCOS B82482-A2 Datasheet HTML 2Page - EPCOS B82482-A2 Datasheet HTML 3Page - EPCOS B82482-A2 Datasheet HTML 4Page - EPCOS B82482-A2 Datasheet HTML 5Page - EPCOS B82482-A2 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
214 04/00
General technical data
Impedance |
Z |
Measured with HP 4291A at frequency
fZ
Rated current
IR
Maximum dc current at ambient temperature
TA =85°C
DC resistance
Rmax
Measured at 20
°C ambient temperature
Climatic category
In accordance with IEC 60068-1
25/085/21 (– 25
°C/+ 85°C/21 days damp heat test)
Storage temperature
– 25
°C/+ 85°C
Soldering:
Wave soldering
Maximum 250˚C, 5 s
Infrared soldering
Maximum 240˚C, 20 s
temperature/time profile > 200 ˚C, max. 50 s
Vapor-phase soldering
Maximum (215
± 5)°C, max. 50 s
Solderability
(230
± 5)°C, (3 ± 0,5) s
wetting of soldering area:
≥ 90 %
Resistance to soldering heat
(260
± 5)°C, (10 ± 0,5) s after preheating at 150˚C, 60 s
impedance change max.
± 25 %
Permissible PCB bending
2 mm (100 mm long standard PCB)
Temperature cycles
– 25
°C/+ 85°C, for each 30 min., total 5 cycles
impedance change
≤ 25 %
Humidity test
60˚C, 90 to 95 % r. h., 500 h
impedance change
≤ 25 %
Life test
500 h at 85˚C and rated current
impedance change
≤ 25 %
B82482-A2
SMT Ferrite Beads
… B82487-A2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com