Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD36C Datasheet (PDF) - SMC Diode Solutions Co. LTD

SD36C Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SD36C
Download  SD36C Download
File Size   285.11 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY

SD36C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD36C Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SD36C
Download  SD36C Click to download

File Size   285.11 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY

SD36C Datasheet (HTML) - SMC Diode Solutions Co. LTD


SD36C Product details

350 Watts peak pulse power (tp = 8/20μs)
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
Small package for use in portable electronics
Suitable replacement for MLV’ s in ESD protection
applications
Protects one I/O or power line
Low clamping voltage
Working voltages: 5V and 36V
Low leakage current
Solid-state silicon-avalanche technology
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device




Similar Part No. - SD36C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD36C DIOTECH-SD36C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD36C LEIDITECH-SD36C Datasheet
133Kb / 3P
USB 2.0 power and data line
logo
SHIKUES Electronics
SD36C SKTECHNOLGY-SD36C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
logo
TECH PUBLIC Electronics...
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
logo
Goodwork Semiconductor ...
SD36C GWSEMI-SD36C Datasheet
1Mb / 2P
Unidirectional TVS Diodes
More results


Similar Description - SD36C

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824014 WURTH-824014 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824011 WURTH-824011 Datasheet
235Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82400102 WURTH-82400102 Datasheet
241Kb / 5P
TVS Diode Array WE-TVS
82400152 WURTH-82400152 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402304 WURTH-82402304 Datasheet
234Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com