Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD36C Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SD36C
Description  TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD36C Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SD36C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Data Sheet N2250, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SD05C THRU SD36C
SD18C
Marking code
D18C
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
18
V
Reverse Breakdown Voltage
VBR
@ It=1mA
20
-
24
V
Reverse Leakage Current
IR
@VRWM = 18V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 1A, tp=8/20μs
-
-
29
V
Clamping Voltage
VC
@IPP = 9A, tp=8/20μs
-
-
40
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
60
pF
SD24C
Marking code
D24C
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
24
V
Reverse Breakdown Voltage
VBR
@ It=1mA
26.7
-
-
V
Reverse Leakage Current
IR
@VRWM = 24V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 1A, tp=8/20μs
-
-
43
V
Clamping Voltage
VC
@IPP = 6A, tp=8/20μs
-
-
56
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
50
pF
SD36C
Marking code
D36C
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
36
V
Reverse Breakdown Voltage
VBR
@ It=1mA
40
-
-
V
Reverse Leakage Current
IR
@VRWM = 36V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 1A, tp=8/20μs
-
-
52
V
Clamping Voltage
VC
@IPP = 4A, tp=8/20μs
-
-
62
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
30
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com