Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD3 Datasheet (PDF) - NXP Semiconductors

PEMD3 Datasheet PDF - NXP Semiconductors
Part # PEMD3
Download  PEMD3 Download
File Size   67.25 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm

PEMD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMD3 Datasheet PDF - NXP Semiconductors

Part # PEMD3
Download  PEMD3 Click to download

File Size   67.25 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm

PEMD3 Datasheet (HTML) - NXP Semiconductors


PEMD3 Product details

DESCRIPTION

NPN/PNP resistor-equipped transistors in a SOT666 plastic package.



FEATURES

• 300 mW total power dissipation

• Very small 1.6 mm x 1.2 mm ultra thin package

• Excellent coplanarity due to straight leads

• Replaces two SC-75/SC-89 packaged transistors on same PCB area

• Reduces required PCB area

• Reduced pick and place costs.



APPLICATIONS

• General purpose switching and amplification

• Inverter and interface circuits

• Circuit driver.




Similar Part No. - PEMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD3 PHILIPS-PEMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PEMD3 NXP-PEMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PEMD3 PHILIPS-PEMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
PEMD3 NXP-PEMD3 Datasheet
986Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
logo
Nexperia B.V. All right...
PEMD3 NEXPERIA-PEMD3 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
More results


Similar Description - PEMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC114E PHILIPS-PDTC114E Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com