Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD3 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMD3 Datasheet HTML 1Page - NXP Semiconductors PEMD3 Datasheet HTML 2Page - NXP Semiconductors PEMD3 Datasheet HTML 3Page - NXP Semiconductors PEMD3 Datasheet HTML 4Page - NXP Semiconductors PEMD3 Datasheet HTML 5Page - NXP Semiconductors PEMD3 Datasheet HTML 6Page - NXP Semiconductors PEMD3 Datasheet HTML 7Page - NXP Semiconductors PEMD3 Datasheet HTML 8Page - NXP Semiconductors PEMD3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Nov 07
2
Philips Semiconductors
Product specification
NPN/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
PEMD3
FEATURES
• 300 mW total power dissipation
• Very small 1.6 mm x 1.2 mm ultra thin package
• Excellent coplanarity due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on
same PCB area
• Reduces required PCB area
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
DESCRIPTION
NPN/PNP resistor-equipped transistors in a SOT666
plastic package.
MARKING
TYPE NUMBER
MARKING CODE
PEMD3
D3
PINNING
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
handbook, halfpage
MAM448
12
3
4
6
5
Top view
65
4
12
3
R2
TR1
TR2
R1
R1
R2
Fig.1
Simplified outline (SOT666) and symbol.
MBK120
2, 5
6, 3
1, 4
Fig.2 Equivalent inverter symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
50
V
ICM
peak collector current
100
mA
TR1
NPN
−−
TR2
PNP
−−
R1
bias resistor
10
k
Ω
R2
bias resistor
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com