Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1387LP Datasheet (PDF) - Belden Inc.

1387LP Datasheet PDF - Belden Inc.
Part # 1387LP
Download  1387LP Download
File Size   169.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP

1387LP Datasheet (PDF)

Go To PDF Page Download Datasheet
1387LP Datasheet PDF - Belden Inc.

Part # 1387LP
Download  1387LP Click to download

File Size   169.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP

1387LP Datasheet (HTML) - Belden Inc.


1387LP Product details

Product Description
Lighting & Automation Cable, 1 (data) pair 22 AWG stranded (7x30) bare copper, FEP insulation, Beldfoil® shield with drain, and 2 conductor 18 AWG
stranded (19x30) bare copper unshielded, FEP insulation (power), CMP rated PVDF jacket




Similar Part No. - 1387LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1387LA BELDEN-1387LA Datasheet
161Kb / 3P
Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3
12-22-2023
1387LA-204500 BELDEN-1387LA-204500 Datasheet
161Kb / 3P
Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3
12-22-2023
More results


Similar Description - 1387LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
7825P BELDEN-7825P Datasheet
146Kb / 2P
SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMP
11-09-2022
6500PE BELDEN-6500PE Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 22 AWG, TC, CMP
05-01-2023
6501FH BELDEN-6501FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6502UH BELDEN-6502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMP
12-20-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com