Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1387LA Datasheet (PDF) - Belden Inc.

1387LA Datasheet PDF - Belden Inc.
Part # 1387LA
Download  1387LA Download
File Size   161.58 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3

1387LA Datasheet (PDF)

Go To PDF Page Download Datasheet
1387LA Datasheet PDF - Belden Inc.

Part # 1387LA
Download  1387LA Click to download

File Size   161.58 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3

1387LA Datasheet (HTML) - Belden Inc.


1387LA Product details

Product Description
Lighting & Automation Cable, 2 conductor 18 AWG stranded (19x30) bare copper unshielded, PP insulation and 1 pair 22 AWG stranded (7x30) bare copper,
PP insulation, Beldfoil® shield with drain, CL3 & CM rated PVC jacket.




Similar Part No. - 1387LA

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1387LP BELDEN-1387LP Datasheet
169Kb / 2P
Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP
12-22-2023
1387LP-009500 BELDEN-1387LP-009500 Datasheet
169Kb / 2P
Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP
12-22-2023
More results


Similar Description - 1387LA

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7825P BELDEN-7825P Datasheet
146Kb / 2P
SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMP
11-09-2022
7825R BELDEN-7825R Datasheet
144Kb / 2P
SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMR
11-09-2022
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
9395 BELDEN-9395 Datasheet
142Kb / 2P
Microphone Cable, 1 Conductor 18 AWG, TC
05-04-2023
5100U1 BELDEN-5100U1 Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Waterblocked, CL3
12-20-2022
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5000U1 BELDEN-5000U1 Datasheet
174Kb / 2P
Security & Sound, 2 Conductor-12 AWG TC, CL3
12-20-2022
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com