Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002UP Datasheet (PDF) - Belden Inc.

5002UP Datasheet PDF - Belden Inc.
Part # 5002UP
Download  5002UP Download
File Size   141.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 12 AWG, BC, CL3

5002UP Datasheet (PDF)

Go To PDF Page Download Datasheet
5002UP Datasheet PDF - Belden Inc.

Part # 5002UP
Download  5002UP Click to download

File Size   141.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 12 AWG, BC, CL3

5002UP Datasheet (HTML) - Belden Inc.


5002UP Product details

Product Description
Audio Cable, 4 Conductor 12 AWG, highly flexible stranded (65x30) bare copper conductors with PVC insulation, CL3, PVC jacket with ripcord




Similar Part No. - 5002UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5002U1 BELDEN-5002U1 Datasheet
204Kb / 2P
Security & Sound, 4 Conductor 12 AWG TC, Waterblocked, CL3
11-09-2022
5002U1-0101000 BELDEN-5002U1-0101000 Datasheet
204Kb / 2P
Security & Sound, 4 Conductor 12 AWG TC, Waterblocked, CL3
11-09-2022
More results


Similar Description - 5002UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
25T00UP BELDEN-25T00UP Datasheet
139Kb / 2P
Audio Cable, 2 Conductor 10 AWG BC, Armored
12-20-2022
5000U1 BELDEN-5000U1 Datasheet
174Kb / 2P
Security & Sound, 2 Conductor-12 AWG TC, CL3
12-20-2022
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
5002U1 BELDEN-5002U1 Datasheet
204Kb / 2P
Security & Sound, 4 Conductor 12 AWG TC, Waterblocked, CL3
11-09-2022
6T00UP BELDEN-6T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, CL2P
04-13-2023
5202UP BELDEN-5202UP Datasheet
149Kb / 2P
Audio Cable, 4 Conductor 16 AWG, BC, Unshielded, CM
05-01-2023
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com