Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5302UP Datasheet (PDF) - Belden Inc.

5302UP Datasheet PDF - Belden Inc.
Part # 5302UP
Download  5302UP Download
File Size   181.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 18 AWG BC, CM

5302UP Datasheet (PDF)

Go To PDF Page Download Datasheet
5302UP Datasheet PDF - Belden Inc.

Part # 5302UP
Download  5302UP Click to download

File Size   181.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 18 AWG BC, CM

5302UP Datasheet (HTML) - Belden Inc.


5302UP Product details

Product Description
Commercial Audio Cable, 4 Conductor 18 AWG highly flexible stranded (42x34) bare copper conductors with PVC insulation, CM, PVC jacket with ripcord.




Similar Part No. - 5302UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5302U1 BELDEN-5302U1 Datasheet
157Kb / 2P
Security & Sound, #18-4c, TC, CMG-FPL-PLTC, Water-Blocked
04-14-2023
5302U1-0101000 BELDEN-5302U1-0101000 Datasheet
157Kb / 2P
Security & Sound, #18-4c, TC, CMG-FPL-PLTC, Water-Blocked
04-14-2023
5302UE BELDEN-5302UE Datasheet
180Kb / 2P
Security & Sound, #18-4c, BC, CMR
04-03-2023
5302UE-0081000 BELDEN-5302UE-0081000 Datasheet
180Kb / 2P
Security & Sound, #18-4c, BC, CMR
04-03-2023
5302UE-008500 BELDEN-5302UE-008500 Datasheet
180Kb / 2P
Security & Sound, #18-4c, BC, CMR
04-03-2023
More results


Similar Description - 5302UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
5202UP BELDEN-5202UP Datasheet
149Kb / 2P
Audio Cable, 4 Conductor 16 AWG, BC, Unshielded, CM
05-01-2023
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com