Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5202UP Datasheet (PDF) - Belden Inc.

5202UP Datasheet PDF - Belden Inc.
Part # 5202UP
Download  5202UP Download
File Size   149.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 16 AWG, BC, Unshielded, CM

5202UP Datasheet (PDF)

Go To PDF Page Download Datasheet
5202UP Datasheet PDF - Belden Inc.

Part # 5202UP
Download  5202UP Click to download

File Size   149.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 4 Conductor 16 AWG, BC, Unshielded, CM

5202UP Datasheet (HTML) - Belden Inc.


5202UP Product details

Product Description
Audio Cable, Rated-CM, 4-16 AWG highly flexible stranded bare copper conductors with PVC insulation, PVC jacket with ripcord




Similar Part No. - 5202UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5202U1 BELDEN-5202U1 Datasheet
144Kb / 2P
Security & Sound, #16-4c, TC, CMG, Water-blocked
08-21-2023
5202U1-0101000 BELDEN-5202U1-0101000 Datasheet
144Kb / 2P
Security & Sound, #16-4c, TC, CMG, Water-blocked
08-21-2023
5202UE BELDEN-5202UE Datasheet
157Kb / 2P
Security & Sound, #16-4c, BC, CMR
03-04-2023
5202UE-0081000 BELDEN-5202UE-0081000 Datasheet
157Kb / 2P
Security & Sound, #16-4c, BC, CMR
03-04-2023
5202UE-008500 BELDEN-5202UE-008500 Datasheet
157Kb / 2P
Security & Sound, #16-4c, BC, CMR
03-04-2023
More results


Similar Description - 5202UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com