Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5570 Datasheet (PDF) - Analog Devices

ADL5570 Datasheet PDF - Analog Devices
Part # ADL5570
Download  ADL5570 Download
File Size   271.44 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 2.4 GHz WiMAX Power Amplifier

ADL5570 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5570 Datasheet PDF - Analog Devices

Part # ADL5570
Download  ADL5570 Click to download

File Size   271.44 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 2.4 GHz WiMAX Power Amplifier

ADL5570 Datasheet (HTML) - Analog Devices


ADL5570 Product details

GENERAL DESCRIPTION
The ADL5570 is a high linearity 2.3 GHz to 2.4 GHz power amplifier designed for WiMAX terminals using TDD operation at a duty cycle of 31%. With a gain of 29 dB and an output compression point of 31 dBm at 2.35 GHz, it can operate at an output power level up to 26 dBm while maintaining an EVM of ≤3% (OFDM 16 or 64 QAM) with a supply voltage of 3.5 V. PAE is 20% @ POUT = 25 dBm.

FEATURES
   Fixed gain of 29 dB
   Operation from 2.3 GHz to 2.4 GHz
   EVM ≤ 3% at POUT = 25 dBm with 16 QAM OFDMA
   Input internally matched to 50 Ω
   Power supply: 3.2 V to 4.2 V
   Quiescent current
      130 mA in high power mode
      70 mA in low power mode
   Power-added efficiency (PAE): 20%
   Multiple operating modes to reduce battery drain
      Low power mode: 100 mA
      Standby mode: 1mA
      Sleep mode: <1 μA

APPLICATIONS
   WiMAX/WiBro mobile terminals




Similar Part No. - ADL5570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
WiMAX Power Amplifier
REV. 0
More results


Similar Description - ADL5570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
WiMAX 2.3 - 2.7 GHz Chip Antenna
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com