Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571 Datasheet (PDF) - Analog Devices

ADL5571 Datasheet PDF - Analog Devices
Part # ADL5571
Download  ADL5571 Download
File Size   468.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GHz to 2.7 GHz WiMAX Power Amplifier

ADL5571 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5571 Datasheet PDF - Analog Devices

Part # ADL5571
Download  ADL5571 Click to download

File Size   468.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GHz to 2.7 GHz WiMAX Power Amplifier

ADL5571 Datasheet (HTML) - Analog Devices


ADL5571 Product details

GENERAL DESCRIPTION
The ADL5571 is a high linearity 2.5 GHz to 2.7 GHz power amplifier designed for WiMAX mobile terminals and CPEs using TDD operation at a duty cycle of 50% or lower. With a gain of 29 dB and an output compression point of 31 dBm, it can operate at an output power level up to 27 dBm while maintaining an EVM of ≤3% with a supply voltage of 5 V. PAE is 21% at POUT = 25 dBm with a 3.3 V supply voltage.

FEATURES
   Gain: 29 dB
   Operation from 2.5 GHz to 2.7 GHz
   EVM ≤ 3% with 16 QAM OFDMA
      @ POUT = 25 dBm (3.3 V, 2.6 GHz)
      @ POUT = 27 dBm (5 V, 2.6 GHz)
   Input matched to 50 Ω
   Power supply: 3.2 V to 5 V
   Quiescent current: 135 mA
      Power-added efficiency (PAE)
         21% @ POUT = 25 dBm (3.3 V, 2.6 GHz)
   Multiple operating modes to reduce battery drain
      Standby mode: 9 mA
      Sleep mode: <1 μA

APPLICATIONS
   WiMAX mobile terminals and CPEs




Similar Part No. - ADL5571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
WiMAX Power Amplifier
REV. 0
More results


Similar Description - ADL5571

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2720-SM TRIQUINT-TGA2720-SM Datasheet
1Mb / 1P
2.5 GHz 802.16e WiMax Amplifier
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com