Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH4 Datasheet (PDF) - NXP Semiconductors

PEMH4 Datasheet PDF - NXP Semiconductors
Part # PEMH4
Download  PEMH4 Download
File Size   48.48 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open

PEMH4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMH4 Datasheet PDF - NXP Semiconductors

Part # PEMH4
Download  PEMH4 Click to download

File Size   48.48 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open

PEMH4 Datasheet (HTML) - NXP Semiconductors


PEMH4 Product details

DESCRIPTION
NPN resistor-equipped double transistor in a SOT666 plastic package.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 mm × 1.2 mm × 0.55 mm ultra thin package
• Excellent coplanarity due to straight leads
• Reduces number of components as replacement of two SC-75/SC-89 packaged transistors
• Reduces required board space
• Reduces pick and place costs.

APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.




Similar Part No. - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
209Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2004 Apr 14
PEMH4 NEXPERIA-PEMH4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMH4_PUMH4 PHILIPS-PEMH4_PUMH4_15 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
More results


Similar Description - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PIMH9 PHILIPS-PIMH9 Datasheet
48Kb / 8P
NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm
2001 Sep 13
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTC114E PHILIPS-PDTC114E Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com