Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1233 Datasheet (PDF) - Analog Devices

ADUM1233 Datasheet PDF - Analog Devices
Part # ADUM1233
Download  ADUM1233 Download
File Size   283.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Precision Half-Bridge Driver, 0.1 A Output

ADUM1233 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1233 Datasheet PDF - Analog Devices

Part # ADUM1233
Download  ADUM1233 Click to download

File Size   283.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Precision Half-Bridge Driver, 0.1 A Output

ADUM1233 Datasheet (HTML) - Analog Devices


ADUM1233 Product details

Digital isolators with iCoupler® technology enable designers to implement isolation in designs without the cost, size, power, performance, and reliability constraints found with optocouplers. iCoupler digital isolators also meet the wide range of creepage/clearance requirements and are the industry’s only digital isolators with certifed 8 mm creepage. With more than half a billion channels shipped into the feld, these magnetically isolated products meet the same rigid safety standards as optocouplers.

Portfolio Offerings
• Single and multichannel data isolators
• Digital isolators with isolated power: isoPower®
• USB isolators
• Isolated gate drivers
• I2C® digital isolators
• Isolated CAN transceivers
• Isolated RS-485 transceivers
• Isolated RS-232 transceivers
• Isolated Σ-∆ modulators

Wide Range of Applications
With over 750 million channels of isolation shipped into the feld, iCoupler digital isolators are used in applications such as:
• Medical devices
• Power supply/regulation systems
• Instrumentation devices
• Networking equipment
• Metering
• Battery charging systems
• Light and building controls
• Industrial process controls
• Motor drives
• Solar/wind energy
• Communications
• Industrial feld buses
• Automotive systems
• All iCoupler devices can undergo
   AEC-Q100 automotive qualifcation.
   Please contact your local sales
   representative for more information.




Similar Part No. - ADUM1233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM1233 AD-ADUM1233 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ-RL AD-ADUM1233BRWZ-RL Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
More results


Similar Description - ADUM1233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1420 AD-ADUM1420 Datasheet
336Kb / 12P
Quad Isolated Precision Gate Driver, 0.1 A Output
REV. A
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com