Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1420 Datasheet (PDF) - Analog Devices

ADUM1420 Datasheet PDF - Analog Devices
Part # ADUM1420
Download  ADUM1420 Download
File Size   336.66 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Isolated Precision Gate Driver, 0.1 A Output

ADUM1420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1420 Datasheet PDF - Analog Devices

Part # ADUM1420
Download  ADUM1420 Click to download

File Size   336.66 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Isolated Precision Gate Driver, 0.1 A Output

ADUM1420 Datasheet (HTML) - Analog Devices


ADUM1420 Product details

GENERAL DESCRIPTION
The ADuM14201 is a quad isolated gate driver that employs Analog Devices, Inc. iCoupler® technology to provide independent and isolated high-side and low-side outputs.
In comparison to gate drivers employing high voltage level translation methodologies, the ADuM1420 offers the benefit of true, galvanic isolation between the input and each of the four outputs. Each output can be operated up to ±700 V peak relative to the input, thereby supporting low-side switching to negative voltages. The differential voltage between any two outputs can be as high as 700 V peak.

FEATURES
   Quad outputs isolated from input and each other
      Input-to-output differential: ±700 V peak
      Output-to-output differential: ±700 V peak
   0.1 A peak output current
   High frequency operation: 5 MHz maximum
   High common-mode transient immunity: >75 kV/μs
   High temperature operation: 105°C
   Wide body, 28-lead SOIC

APPLICATIONS
   Plasma display modules




Similar Part No. - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D AD-ADUM142D Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
ADUM142D0BRQZ AD-ADUM142D0BRQZ Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
ADUM142D0BRQZ-RL7 AD-ADUM142D0BRQZ-RL7 Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
More results


Similar Description - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
Isolated Precision Gate Driver, 4.0 A Output
REV. 0
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
Isolated, Precision Gate Drivers with 2 A Output
5/2017-Revision 0
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com