Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETUSBPDWH Datasheet (PDF) - ML Accessories Limited. All rights reserved.

NETUSBPDWH Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # NETUSBPDWH
Download  NETUSBPDWH Download
File Size   183.74 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm

NETUSBPDWH Datasheet (PDF)

Go To PDF Page Download Datasheet
NETUSBPDWH Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # NETUSBPDWH
Download  NETUSBPDWH Click to download

File Size   183.74 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm

NETUSBPDWH Datasheet (HTML) - ML Accessories Limited. All rights reserved.


NETUSBPDWH Product details

DESCRIPTION
Dual USB charger A+C (18W QC / 45W USB-PD) 50 x 50mmm -
white




Similar Part No. - NETUSBPDWH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETUSBPDBK KNIGHTSBRIDGE-NETUSBPDBK Datasheet
192Kb / 1P
Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm
22/04/2024
NETUSBPDGY KNIGHTSBRIDGE-NETUSBPDGY Datasheet
303Kb / 1P
Dual USB charger AC (18W QC / 45W USB-PD) 50 x 50mmm
22/04/2024
More results


Similar Description - NETUSBPDWH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Tripp Lite. All Rights ...
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
NXP Semiconductors
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-30W-C6 TRIPPLITE-U280-C02-30W-C6 Datasheet
183Kb / 3P
Dual-Port USB Car Charger with 30W Charging - USB-C (18W) QC 3.0, USB-A (12W), Coiled 6 ft. (1.83 m) USB-C Cable, Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
U280-C02-63W-1B TRIPPLITE-U280-C02-63W-1B Datasheet
189Kb / 3P
Dual-Port USB Car Charger, 63W Max - USB-C PD 3.0 Up to 60W, USB-A QC 3.0 Up to 18W
U280-C03-36W-1B TRIPPLITE-U280-C03-36W-1B Datasheet
183Kb / 3P
3-Port USB Car Charger, 36W Max - USB-C PD 3.0 Up to 18W, 2 USB-A QC 3.0 Up to 36W
logo
Coolgear Inc.
CG-PD110C2 COOLGEAR-CG-PD110C2 Datasheet
485Kb / 2P
ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
Rev 05.230320
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com