Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD7008BCBZR7 Datasheet (PDF) - Analog Devices

ADPD7008BCBZR7 Datasheet PDF - Analog Devices
Part # ADPD7008BCBZR7
Download  ADPD7008BCBZR7 Download
File Size   1125.76 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multimodal Sensor Front End

ADPD7008BCBZR7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPD7008BCBZR7 Datasheet PDF - Analog Devices

Part # ADPD7008BCBZR7
Download  ADPD7008BCBZR7 Click to download

File Size   1125.76 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multimodal Sensor Front End

ADPD7008BCBZR7 Datasheet (HTML) - Analog Devices


ADPD7008BCBZR7 Product details

GENERAL DESCRIPTION
The ADPD7008 is a highly integrated analog front end (AFE)
designed for measuring various vital signals.
The optical channel is designed as an optical transceiver, stimulating
up to eight light emitting diodes (LEDs) and measuring the
return signal on up to four separate current inputs. The signal chain
rejects signal offsets and corruption from asynchronous modulated
interference, typically from ambient light, eliminating the need for
optical filters or externally controlled DC cancellation circuitry.
The data output and functional configuration use a serial port interface
(SPI) on the ADPD7008. The control circuitry includes flexible
LED signaling and synchronous detection, digital filters, digital wave
generators, and configurable filters.
The ADPD7008 is available in a 2.795 mm × 2.560 mm, 0.40 mm
pitch, 36-ball WLCSP.

FEATURES
► Optical channel
► 4 input channels with multiple operation modes for various
sensor measurements
► 4-channel processing with simultaneous sampling
► 12 programmable time slots for synchronized sensor measurements
► Flexible input multiplexing to support single-ended sensor
measurements
► 8 LED drivers, 2 of which can be driven simultaneously
► Flexible sampling rate from 0.004 Hz to 9 kHz using internal
oscillators
► AC ambient light rejection: 78 dB up to 100 Hz
► 400 mA total LED peak drive current
► Individual ambient cancellation DAC at TIA input with 9-bit
control up to 300 μA
► Individual LED DC cancellation DAC at TIA input with 7-bit
control up to 190 μA
► SPI communications supported
► 704-byte FIFO

APPLICATIONS
► Wearable health and fitness monitors: heart rate, heart rate
variability, and saturation level of pulse oxygen
► Clinical patient monitors: small bed side patient, home portable
patient, and small remote patient
► Industrial monitoring: particle, aerosol, and gas detection




Similar Part No. - ADPD7008BCBZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
ADPD7000BCBZR7 AD-ADPD7000BCBZR7 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results


Similar Description - ADPD7008BCBZR7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
ADPD6000 AD-ADPD6000 Datasheet
1Mb / 89P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com