Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet (PDF) - Analog Devices

ADPD4200 Datasheet PDF - Analog Devices
Part # ADPD4200
Download  ADPD4200 Download
File Size   1602.96 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multimodal Sensor Front End

ADPD4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPD4200 Datasheet PDF - Analog Devices

Part # ADPD4200
Download  ADPD4200 Click to download

File Size   1602.96 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multimodal Sensor Front End

ADPD4200 Datasheet (HTML) - Analog Devices


ADPD4200 Product details

GENERAL DESCRIPTION
The ADPD4200 operates as a complete multimodal sensor front
end, stimulating up to four light emitting diodes (LEDs) and measuring
the return signal on up to four separate current inputs. Twelve
time slots are available, enabling 12 separate measurements per
sampling period.
The data output and functional configuration utilize a serial port
interface (SPI) on the ADPD4200. The control circuitry includes
flexible LED signaling and synchronous detection. The device uses
a 1.8 V analog core and 1.8 V or 3.3 V compatible digital input/output
(I/O).
The analog front end (AFE) rejects signal offsets and corruption
from asynchronous modulated interference, typically from ambient
light, eliminating the need for optical filters or externally controlled
dc cancellation circuitry. Multiple operating modes are provided,
enabling the ADPD4200 to be a sensor hub for synchronous
measurements of photodiodes, biopotential electrodes, resistance,
capacitance, and temperature sensors.
The ADPD4200 is available in a 2.619 mm × 1.804 mm, 0.40 mm
pitch, 24-ball WLCSP.
Analog Devices is in the process of updating documentation to
provide terminology and language that is culturally appropriate. This
is a process with a wide scope and will be phased in as quickly as
possible. Thank you for your patience.

FEATURES
► Multimodal analog front end
► 4 input channels with multiple operation modes to accommodate
the following measurements: PPG, ECG, EDA, impedance, and temperature
► Dual-channel processing with simultaneous sampling
► 12 programmable time slots for synchronized sensor measurements
► Flexible input multiplexing to support differential and singleended
sensor measurements
► 4 LED drivers, which can be driven simultaneously
► Flexible sampling rate from 0.004 Hz to 9 kHz using internal oscillators
► On-chip digital filtering
► SNR: 105 dB (100 kΩ TIA gain, 100 Hz ODR, 80 pulses, CPD =
70 pF, 0.5 Hz to 10 Hz bandwidth)
► AC ambient light rejection: 60 dB up to 1 kHz
► 400 mA total LED peak drive current
► Total system power dissipation: 30 μW (combined LED and AFE
power), continuous PPG measurement at 75 dB SNR, 25 Hz
ODR, 100 nA/mA CTR
► SPI communications supported
► 512-byte FIFO size

APPLICATIONS
► Wearable health and fitness monitors: heart rate monitors
(HRMs), heart rate variability (HRV), stress, blood pressure estimation,
SpO2, hydration, and body composition
► Industrial monitoring: CO, CO2, smoke, and aerosol detection
► Home patient monitoring




Similar Part No. - ADPD4200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4000BCBZR7 AD-ADPD4000BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001 AD-ADPD4001 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001BCBZR7 AD-ADPD4001BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
More results


Similar Description - ADPD4200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
ADPD6000 AD-ADPD6000 Datasheet
1Mb / 89P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com