Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 1 Page - Analog Devices

  ADPD4200 Datasheet HTML 1Page - Analog Devices ADPD4200 Datasheet HTML 2Page - Analog Devices ADPD4200 Datasheet HTML 3Page - Analog Devices ADPD4200 Datasheet HTML 4Page - Analog Devices ADPD4200 Datasheet HTML 5Page - Analog Devices ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
Data Sheet
ADPD4200
Multimodal Sensor Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Multimodal analog front end
►
4 input channels with multiple operation modes to accommodate
the following measurements: PPG, ECG, EDA, impedance, and
temperature
►
Dual-channel processing with simultaneous sampling
►
12 programmable time slots for synchronized sensor measure-
ments
►
Flexible input multiplexing to support differential and single-
ended sensor measurements
►
4 LED drivers, which can be driven simultaneously
►
Flexible sampling rate from 0.004 Hz to 9 kHz using internal
oscillators
►
On-chip digital filtering
►
SNR: 105 dB (100 kΩ TIA gain, 100 Hz ODR, 80 pulses, CPD =
70 pF, 0.5 Hz to 10 Hz bandwidth)
►
AC ambient light rejection: 60 dB up to 1 kHz
►
400 mA total LED peak drive current
►
Total system power dissipation: 30 µW (combined LED and AFE
power), continuous PPG measurement at 75 dB SNR, 25 Hz
ODR, 100 nA/mA CTR
►
SPI communications supported
►
512-byte FIFO size
APPLICATIONS
►
Wearable health and fitness monitors: heart rate monitors
(HRMs), heart rate variability (HRV), stress, blood pressure esti-
mation, SpO2, hydration, and body composition
►
Industrial monitoring: CO, CO2, smoke, and aerosol detection
►
Home patient monitoring
GENERAL DESCRIPTION
The ADPD4200 operates as a complete multimodal sensor front
end, stimulating up to four light emitting diodes (LEDs) and measur-
ing the return signal on up to four separate current inputs. Twelve
time slots are available, enabling 12 separate measurements per
sampling period.
The data output and functional configuration utilize a serial port
interface (SPI) on the ADPD4200. The control circuitry includes
flexible LED signaling and synchronous detection. The device uses
a 1.8 V analog core and 1.8 V or 3.3 V compatible digital input/out-
put (I/O).
The analog front end (AFE) rejects signal offsets and corruption
from asynchronous modulated interference, typically from ambient
light, eliminating the need for optical filters or externally controlled
dc cancellation circuitry. Multiple operating modes are provided,
enabling the ADPD4200 to be a sensor hub for synchronous
measurements of photodiodes, biopotential electrodes, resistance,
capacitance, and temperature sensors.
The ADPD4200 is available in a 2.619 mm × 1.804 mm, 0.40 mm
pitch, 24-ball WLCSP.
Analog Devices is in the process of updating documentation to
provide terminology and language that is culturally appropriate. This
is a process with a wide scope and will be phased in as quickly as
possible. Thank you for your patience.


Similar Part No. - ADPD4200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4000BCBZR7 AD-ADPD4000BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001 AD-ADPD4001 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4001BCBZR7 AD-ADPD4001BCBZR7 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
More results

Similar Description - ADPD4200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
8:1 Sensor Interface Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
logo
Analog Devices
ADPD4000 AD-ADPD4000 Datasheet
1Mb / 82P
Multimodal Sensor Front End
Jun-2019
ADPD4100 AD-ADPD4100 Datasheet
1Mb / 101P
Multimodal Sensor Front End
6/2020-Revision 0
ADPD6000 AD-ADPD6000 Datasheet
1Mb / 89P
Multimodal Sensor Front End
Rev. 0
ADPD7000 AD-ADPD7000 Datasheet
2Mb / 127P
Multimodal Sensor Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com