Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 9Page - Analog Devices ADPD4200 Datasheet HTML 10Page - Analog Devices ADPD4200 Datasheet HTML 11Page - Analog Devices ADPD4200 Datasheet HTML 12Page - Analog Devices ADPD4200 Datasheet HTML 13Page - Analog Devices ADPD4200 Datasheet HTML 14Page - Analog Devices ADPD4200 Datasheet HTML 15Page - Analog Devices ADPD4200 Datasheet HTML 16Page - Analog Devices ADPD4200 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Data Sheet
ADPD4200
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 93
INTRODUCTION
The ADPD4200 operates as a complete multimodal sensor front
end, stimulating up to four LEDs and measuring the return signal on
up to four separate current inputs. Twelve time slots are available,
enabling 12 separate measurements per sampling period. The
analog inputs can be driven single-ended or in differential pairs.
The four analog inputs are multiplexed into a single channel or
two independent channels, enabling simultaneous sampling of two
sensors.
The analog front end (AFE) consists of a TIA, band-pass filter
(BPF), integrator, and ADC. The digital block provides multiple
operating modes, programmable timing, two GPIOx pins, block
averaging, and a selectable second-order through fourth-order cas-
caded integrator comb (CIC) filter. Four independent LED drivers
are provided that can each drive up to 200 mA. Four LED drivers
can be enabled in any time slot and can be programmed from
2 mA to 200 mA monotonically, with a 7-bit register setting. The
LED drivers enabled in any time slot can provide a total combined
maximum of 400 mA of LED current.
The core circuitry provides stimulus to the sensors connected to
the inputs of the device and measures the response, storing the
results in discrete data locations. The four inputs can drive two
simultaneous input channels, either in a single-ended or differential
configuration. Data is read directly by a register or through a FIFO
method. This highly integrated system includes an analog signal
processing block, digital signal processing block, an SPI communi-
cation interface, programmable pulsed LED current sources, and
pulsed voltage sources for sensors that require voltage excitation.
When making optical measurements, the ADPD4200 provides
60 dB of ambient light rejection using a synchronous modulation
scheme with pulses as short as 1 µs combined with a BPF. Ambient
light rejection is automatic without the need of external control
loops, dc current subtraction, or digital algorithms.
The LED driver is a current sink and is independent from the LED
supply voltage and the LED type. The inputs can be connected to
any sensor that provides currents up to 200 µA. The ADPD4200
can also interface with voltage output sensors with a series resistor
placed between the sensor output and the ADPD4200 inputs to
convert the voltage to a current. The ADPD4200 produces a high
SNR for relatively low LED power while greatly reducing the effect
of ambient light on the measured signal.
ANALOG SIGNAL PATH
The ADPD4200 analog signal path consists of four current inputs
that can be configured as single-ended or differential pairs into one
of two independent channels. The two channels can be sampled
simultaneously for applications that require instantaneous sampling
of two sensors. Each channel contains a TIA with programmable
gain, a BPF with a high-pass corner at 100 kHz and a low-pass cut-
off frequency of 390 kHz, and an integrator capable of integrating
±7.5 pC per sample. Each channel is time multiplexed into a 14-bit
ADC. In Figure 14, RF is the TIA feedback resistor, and RINT is the
series resistor to the input of the integrator.
Figure 14. Analog Signal Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com