Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 39 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices ADPD4200 Datasheet HTML 42Page - Analog Devices ADPD4200 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 93
mode, while the pulsed signal, with the ambient signal rejected, is
monitored in the time slot configured for measuring the desired LED
pulsed signal.
Protecting Against TIA Saturation in Normal
Operation
One of the reasons to monitor TIA ADC mode is to protect against
environments that can cause saturation. One concern when oper-
ating in high light conditions, especially with larger photodiodes,
is that the TIA stage can become saturated while the ADPD4200
continues to communicate data. The resulting saturation is not
typical. The TIA, based on its settings, can only handle a certain
level of photodiode current. Based on the way the ADPD4200 is
configured, if there is a current level from the photodiode that is
larger than the TIA can handle, the TIA output during the LED
pulse effectively extends the current pulse, making it wider. The
AFE timing is then violated because the positive portion of the BPF
output extends into the negative section of the integration window.
Thus, the photo signal is subtracted from itself, causing the output
signal to decrease when the effective light signal increases.
To measure the response from the TIA and verify that this stage
is not saturating, place the device in TIA ADC mode and slightly
modify the timing. Specifically, sweep INTEG_OFFSET_x until a
maximum is achieved. This procedure aligns the ADC sampling
time with the LED pulse to measure the total amount of light
falling on the photodetector (for example, background light and LED
pulse).
If this minimum value is below 16,384 LSBs, the TIA is not saturat-
ed. However, take care, because even if the result is not 16,384
LSBs, operating the device near saturation can quickly result in sat-
uration if light conditions change. A safe operating region is typically
at ¾ full scale and lower. The ADC resolution when operating in TIA
ADC mode with a buffer gain = 1 is shown in Table 23. These codes
are not the same as in modes with the BPF and integrator enabled
because the BPF and integrator are not unity-gain elements.
Table 23. ADC Resolution in TIA ADC Mode
TIA Gain (kΩ)
ADC Resolution (nA/LSB)
12.5
5.84
25
2.92
50
1.46
100
0.73
200
0.37
ECG MEASUREMENT WITH THE ADPD4200
The ADPD4200 can be used for ECG applications with the simple
addition of an external RC network as shown in Figure 38. The
electrical equivalent model for a dry electrode is shown along with
an RC circuit, external to the ADPD4200, consisting of two 500 kΩ
resistors in series with the inputs and a 470 pF capacitor across the
inputs, which serves as the sensing capacitor for the ECG signal.
The 500 kΩ resistors serve several purposes. For example, these
resistors provide short-circuit protection to limit the current that can
be injected into the body in the case of shorted input pins, to
increase overall input impedance of the ECG measurement, and to
improve common-mode rejection when there is an electrode imbal-
ance. The ECG signal is integrated onto the sensing capacitor. The
value of this capacitor is chosen such that an acceptable amount
of SNR is achieved, and the resultant RC time constant created
between the capacitor and the 200 kΩ resistor is such that at
least three time constants per sampling period are realized to fully
charge the capacitor.
Figure 38. Circuit for Measuring Single-Lead ECG with the ADPD4200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com