Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 93
of charge that can be stored on the photodiode capacitance is
31.5 pC.
In addition, consider the maximum amount of charge the integrator
of the ADPD4200 can integrate. The integrator can integrate up to
7.6 pC. When this charge is referred back to the input, consider the
TIA gain. When the TIA gain is at 200 kΩ, the input referred charge
is at a 1:1 ratio to the integrated charge on the integrator. For
100 kΩ gain, it is 2:1. For 50 kΩ gain, it is 4:1. For 25 kΩ gain,
it is 8:1.
For the previous example using a photodiode with 70 pF capaci-
tance, use a 50 kΩ TIA gain and set the float timing such that, for
a single pulse, the output of the ADC is at 70% of full scale, which
is a typical operating condition. Under these operating conditions,
5.3 pC integrates per pulse by the integrator for 21.2 pC of charge
accumulated on the photodiode capacitance. The amount of time
to accumulate charge on CPD is inversely proportional to CTR.
TIA gain settings of 100 kΩ or 200 kΩ may be required based
on the CTR of the measurement and how much charge can be
accumulated in a given amount of time. Ultimately, the type of
measurement being made (ambient or pulsed LED), the photodiode
capacitance, and the CTR of the system determine the float times.
Pulse Connect Modulation
Pulse connect modulation is useful for ambient light measurements
or any other sensor measurements that do not require a synchro-
nous stimulus. This mode works by preconditioning the sensor
to some level selected by the PRECON_x bits and then only
connecting the sensor to the input of the TIA during the modulation
pulse. When not connected to the TIA, the sensor is connected to
a low input impedance node at the TIA_VREF voltage. Any sensor
current during this time is directed into the AFE. Therefore, no
charge accumulates on the sensor. This lack of charge accumula-
tion is in contrast to float mode, which fully disconnects the sensor
between modulation pulses. The MOD_TYPE_x bits must be set
to 0x2 for pulse connect mode. The advantage of using this mode
for nonsynchronous sensor measurements is that it allows the user
to take advantage of the noise performance benefits of the full
signal path using the BPF and integrator. Figure 30 shows a timing
diagram for pulse connect modulation type measurements.
Modulation of Stimulus Source
The ADPD4200 has operating modes that modulate the VC1 and
VC2 signals. These modes are useful for providing a pulsed stimu-
lus to the sensor being measured. For example, a bioimpedance
measurement can be made where one electrode to the human
is being pulsed by the VC1 or VC2 output and the response is
measured on a second electrode connected to the TIA input. This
mode is also useful for a capacitance measurement, as shown in
Figure 29, where one of the VCx pins is connected to one side of
the capacitor and the other side is connected to the TIA input.
Figure 29. Modulate Stimulus for Capacitance Measurement
The BPF is bypassed for this measurement. When a stimulus pulse
is provided on the VCx pin, the capacitor response is a positive
spike on the rising edge that then settles back toward TIA_VREF,
followed by a negative spike on the falling edge of the stimulus
pulse. The integration sequence is centered such that the positive
and negative integration sequences completely integrate the charge
from the positive and negative TIA responses, respectively (see
Figure 31).
Pulsing of the VC1 and VC2 pins is controlled by the
VCx_PULSE_x, VCx_ALT_x, and VCx_SEL_x bits while timing
of the modulation is controlled by the MOD_OFFSET_x and
MOD_WIDTH_x bits. Table 20 shows the relevant registers for
modulating the stimulus to the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com