Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 17Page - Analog Devices ADPD4200 Datasheet HTML 18Page - Analog Devices ADPD4200 Datasheet HTML 19Page - Analog Devices ADPD4200 Datasheet HTML 20Page - Analog Devices ADPD4200 Datasheet HTML 21Page - Analog Devices ADPD4200 Datasheet HTML 22Page - Analog Devices ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices ADPD4200 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Data Sheet
ADPD4200
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 93
TIME SLOT OPERATION
Operation of the ADPD4200 is controlled by an internal configura-
ble controller that generates all the timing needed to generate
sampling regions and sleep periods. Measurements of multiple
sensors and control of synchronous stimulus sources are handled
by multiple time slots. The device provides up to 12 time slots for
multisensor applications. The enabled time slots are repeated at
the sampling rate, which is configured by the 23-bit TIMESLOT_PE-
RIOD_x bit field in the TS_FREQ register. The sampling rate is
determined by the following formula:
Sampling Rate = Low Frequency Oscillator Frequency (Hz) ÷ TIME-
SLOT_PERIOD_x
Each time slot allows the creation of one or more LED and/or
modulation pulses, and the acquisition of the photodiode or other
sensor current based on that stimulus. The operating parameters
for each time slot are highly configurable.
Figure 20 shows the basic time slot operation sequence. Each
time slot is repeated at the sampling rate, followed by an ultra low
power sleep period. By default, subsequent time slots are initiated
immediately following the end of the previous time slot. In addition,
there is an option to add an offset to the start of the subsequent
time slots using the TIMESLOT_OFFSET_x bit field as shown in
Figure 21, which shows the TIMESLOT_ OFFSET_B bit field be-
ing used to offset the start of Time Slot B. In this case, each
time slot still operates at the sampling rate, but there is a sleep
period between Time Slot A and Time Slot B. The wake period
shown in Figure 20 and Figure 21 is used to power up and
stabilize the analog circuitry before data acquisition begins. If the
TIMESLOT_OFFSET_B bit field is set to 0, the time slot starts as
soon as the previous time slot finishes.
The time slot offset is always applied to the Time Slot A start
time. For example, TIMESLOT_OFFSET_D is an offset added to
the beginning of Time Slot A, not Time Slot C, which immediately
precedes Time Slot D.
The amount of offset applied is dependent on the low frequency
oscillator used. If using the 1 MHz low frequency oscillator,
Offset = 64 × (Number of 1 MHz Low Frequency Oscillator Cycles)
× TIMESLOT_OFFSET_x
If using the 32 kHz low frequency oscillator,
Offset = 2 × (Number of 32 kHz Low Frequency Oscillator Cycles) ×
TIMESLOT_OFFSET_x
For example, if TIMESLOT_OFFSET_C is set to 0x040 and the
1 MHz low frequency oscillator is being used, the offset from the
start of Time Slot A to the start of Time Slot C is
Offset = (64 × 1 µs × 64) = 4.096 ms
The sampling rate is controlled by the low frequency oscillator.
The low frequency oscillator is driven by one of three sources as
described in the Clocking section.
If the sampling period is set too short to allow the enabled time slots
to complete, a full cycle of enabled time slot samples is skipped,
effectively reducing the overall sample rate. For example, if the
sampling rate is set to 100 Hz (10 ms period) and the total amount
of time required to complete all enabled time slots is 11 ms, the
next cycle of time slots does not begin until t = 20 ms, effectively
reducing the sampling rate to 50 Hz.
If TIMESLOT_OFFSET_x is set too short to allow the previous time
slot to finish, the time slot occurs immediately after the previous
time slot. Time slots always occur in A through L order.
Using External Synchronization for Sampling
An external signal driven to a configured GPIOx pin can be used to
wake the device from sleep instead of the TIMESLOT_PERIOD_x
counter, which allows external control of the sample rate and time.
This mode of operation is enabled using the EXT_SYNC_EN bit
and uses the GPIOx pin selected by the EXT_SYNC_GPIO bits. If
using this feature, be sure to enable the selected GPIOx pin as an
input using the appropriate GPIO_PIN_CFGx bits.
When operating with external synchronization and set in go mode,
the device enters sleep first and waits for the next external syn-
chronization signal before waking up. This external synchronization
signal is then synchronized to the low frequency oscillator and
then starts the wake-up sequence. If an additional external synchro-
nization is provided prior to completing time slot operations, it is
ignored.
Figure 20. Basic Time Slot Operation Sequence
Figure 21. Time Slot Operation with Offset Using TIMESLOT_OFFSET_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com