| Electronic Components Datasheet Search |
|
ADPD4200 Datasheet(PDF) 72 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4200 Datasheet(HTML) 72 Page - Analog Devices |
|
72 / 93 page ![]() Data Sheet ADPD4200 REGISTER DETAILS analog.com Rev. 0 | 72 of 93 Table 27. Interrupt Status and Control Register Details Addr Name Bits Bit Name Description Reset Access1 3 INT_DATA_D Time Slot D Data Register Interrupt Status. This bit is set every time the Time Slot D data registers are updated. Write 1 to this bit to clear the interrupt. The interrupt is cleared automatically when the Time Slot D data registers are read if the INT_ACLEAR_DATA_D bit is set. 0x0 R/W1C 2 INT_DATA_C Time Slot C Data Register Interrupt Status. This bit is set every time the Time Slot C data registers are updated. Write 1 to this bit to clear the interrupt. The interrupt is cleared automatically when the Time Slot C data registers are read if the INT_ACLEAR_DATA_C bit is set. 0x0 R/W1C 1 INT_DATA_B Time Slot B Data Register Interrupt Status. This bit is set every time the Time Slot B data registers are updated. Write 1 to this bit to clear the interrupt. The interrupt is cleared automatically when the Time Slot B data registers are read if the INT_ACLEAR_DATA_B bit is set. 0x0 R/W1C 0 INT_DATA_A Time Slot A Data Register Interrupt Status. This bit is set every time the Time Slot A data registers are updated. Write 1 to this bit to clear the interrupt. The interrupt is cleared automatically when the Time Slot A data registers are read if the INT_ACLEAR_DATA_A bit is set. 0x0 R/W1C 0x0002 INT_STATUS_LEV0 [15:12] Reserved Reserved. 0x0 R 11 INT_LEV0_L Time Slot L Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 10 INT_LEV0_K Time Slot K Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 9 INT_LEV0_J Time Slot J Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 8 INT_LEV0_I Time Slot I Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 7 INT_LEV0_H Time Slot H Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 6 INT_LEV0_G Time Slot G Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 5 INT_LEV0_F Time Slot F Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 4 INT_LEV0_E Time Slot E Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 3 INT_LEV0_D Time Slot D Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 2 INT_LEV0_C Time Slot C Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 1 INT_LEV0_B Time Slot B Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0 INT_LEV0_A Time Slot A Level 0 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0x0003 INT_STATUS_LEV1 [15:12] Reserved Reserved. 0x0 R 11 INT_LEV1_L Time Slot L Level 1 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 10 INT_LEV1_K Time Slot K Level 1 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 9 INT_LEV1_J Time Slot J Level 1 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 8 INT_LEV1_I Time Slot I Level 1 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 7 INT_LEV1_H Time Slot H Level 1 Interrupt Status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |