Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 4 Page - Analog Devices

  ADPD4200 Datasheet HTML 1Page - Analog Devices ADPD4200 Datasheet HTML 2Page - Analog Devices ADPD4200 Datasheet HTML 3Page - Analog Devices ADPD4200 Datasheet HTML 4Page - Analog Devices ADPD4200 Datasheet HTML 5Page - Analog Devices ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Data Sheet
ADPD4200
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 93
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Operating Conditions
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGE
Supply Voltage, VDD
Applied at the AVDD and DVDD1 pins
1.7
1.8
1.9
V
Input and Output Driver Supply, IOVDD Applied at the IOVDD pin
1.7
1.8
3.6
V
AVDD = DVDD1 = IOVDD = 1.8 V and TA = 25°C, unless otherwise noted.
Table 2. Current Consumption
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY (VDD) CURRENT
VDD Supply Current1
Signal-to-noise ratio (SNR) = 75 dB, 25 Hz output data rate (ODR), single time
slot
10
µA
Total System Power Dissipation
Combined LED and AFE power, continuous photoplethysmography (PPG)
measurement at 75 dB SNR, 25 Hz ODR, 100 nA/mA current transfer ratio
(CTR)
30
μW
Peak VDD Supply Current (1.8 V)
1-Channel Operation
IVDD_PEAK
Peak VDD current during time slot sampling
4.5
mA
Standby Mode Current
IVDD_STANDBY
0.250
µA
1 VDD is the voltage applied at the AVDD and DVDD1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com