Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 86 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 82Page - Analog Devices ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices ADPD4200 Datasheet HTML 89Page - Analog Devices ADPD4200 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 86 of 93
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
10: modulate TIA_VREF = 0.8855 V.
11: modulate TIA_VREF = 1.265 V.
[5:3]
TIA_GAIN_CH2_x
TIA Resistor Gain Setting for Channel 2.
0x0
R/W
000: 200 kΩ.
001: 100 kΩ.
010: 50 kΩ.
011: 25 kΩ.
100: 12.5 kΩ.
[2:0]
TIA_GAIN_CH1_x
TIA Resistor Gain Setting for Channel 1.
0x0
R/W
000: 200 kΩ.
001: 100 kΩ.
010: 50 kΩ.
011: 25 kΩ.
100: 12.5 kΩ.
0x010D
PATTERN_A
[15:12]
LED_DISABLE_x
Four-Pulse LED Disable Pattern. Set to 1 to disable the LED pulse in the
matching position in a group of four pulses. The LSB maps to the first
pulse.
0x0
R/W
0x012D
PATTERN_B
0x014D
PATTERN_C
0x016D
PATTERN_D
[11:8]
MOD_DISABLE_x
Four-Pulse Modulation Disable Pattern. Set to 1 to disable the modulation
pulse in the matching position in a group of four pulses. The LSB maps to
the first pulse.
0x0
R/W
0x018D
PATTERN_E
0x01AD
PATTERN_F
0x01CD
PATTERN_G
[7:4]
SUBTRACT_x
Four-Pulse Subtract Pattern. Set to 1 to negate the math operation in the
matching position in a group of four pulses. The LSB maps to the first
pulse.
0x0
R/W
0x01ED
PATTERN_H
0x020D
PATTERN_I
0x022D
PATTERN_J
[3:0]
REVERSE_INTEG_x
Four-Pulse Integration Reverse Pattern. Set to 1 to reverse the integrator
positive and/or negative pulse order in the matching position in a group of
four pulses. The LSB maps to the first pulse.
0x0
R/W
0x024D
PATTERN_K
0x026D
PATTERN_L
0x0110
DATA_FORMAT_A
[15:11]
DARK_SHIFT_x
Number of Bits to Shift the Dark Data to the Right Before Writing to the
FIFO for Time Slot x. Selectable between 0 bits and 32 bits.
0x0
R/W
0x0130
DATA_FORMAT_B
0x0150
DATA_FORMAT_C
0x0170
DATA_FORMAT_D
[10:8]
DARK_SIZE_x
Number of Bytes of Dark Data to be Written to the FIFO for Time Slot x.
Selectable between 0 bytes and four bytes.
0x0
R/W
0x0190
DATA_FORMAT_E
0x01B0
DATA_FORMAT_F
[7:3]
SIGNAL_SHIFT_x
Number of Bits to Shift the Signal Data to the Right Before Writing to the
FIFO for Time Slot x. Selectable between 0 bits and 32 bits.
0x0
R/W
0x01D0
DATA_FORMAT_G
0x01F0
DATA_FORMAT_H
0x0210
DATA_FORMAT_I
[2:0]
SIGNAL_SIZE_x
Number of Bytes of Signal Data to be Written to the FIFO for Time Slot x.
Selectable between 0 bytes and four bytes.
0x3
R/W
0x0230
DATA_FORMAT_J
0x0250
DATA_FORMAT_K
0x0270
DATA_FORMAT_L
0x0112
DECIMATE_A
[15:11]
Reserved
Write 0x0.
0x0
R
0x0132
DECIMATE_B
[10:4]
DECIMATE_FACTOR_x
Decimate Sample Divider. Output data rate is sample rate ÷
(DECIMATE_FACTOR_x + 1). Decimate by 1 to 128.
0x0
R/W
0x0152
DECIMATE_C
0x0172
DECIMATE_D
[3:0]
DECIMATE_TYPE_x
Decimation Type Select.
0x0
R/W
0x0192
DECIMATE_E
0: block sum, CIC first order.
0x01B2
DECIMATE_F
1: signal uses CIC second order.
0x01D2
DECIMATE_G
10: signal uses CIC third order.
0x01F2
DECIMATE_H
11: signal uses CIC fourth order.
0x0212
DECIMATE_I
100: reserved.
0x0232
DECIMATE_J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com