Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4200 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 16Page - Analog Devices ADPD4200 Datasheet HTML 17Page - Analog Devices ADPD4200 Datasheet HTML 18Page - Analog Devices ADPD4200 Datasheet HTML 19Page - Analog Devices ADPD4200 Datasheet HTML 20Page - Analog Devices ADPD4200 Datasheet HTML 21Page - Analog Devices ADPD4200 Datasheet HTML 22Page - Analog Devices ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Data Sheet
ADPD4200
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 93
during time slot operation. Time stamping is supported by the use
of any GPIOx as a time stamp request input, the CAPTURE_TIME-
STAMP bit to enable capture of the time stamp trigger, a time
counter running in the low frequency oscillator domain, and two
output registers. The output bits include TIMESTAMP_COUNT_x,
which holds the number of low frequency oscillator cycles between
time stamp triggers, and TIMESTAMP_SLOT_DELTA, which holds
the number of low frequency oscillator cycles remaining to the next
time slot start.
The setup for using the time stamp operation is as follows:
1. Set CLK_CAL_ENA = 1 to enable the oscillator calibration
circuitry.
2. Configure a GPIOx to support the time stamp input using the
appropriate GPIO_PIN_CFGx bits. Select the matching GPIOx
to provide the time stamp using the TIMESTAMP_GPIOx bits.
3. Configure the ADPD4200 for operation and enable the low
frequency oscillator.
4. If the TIMESTAMP_SLOT_DELTA function is desired, start the
time slot operation by placing the device in go mode using
the OP_MODE bit (see Table 14). For low frequency oscillator
calibration, it is only required that the low frequency oscillator
be enabled. The device does not have to be in go mode for low
frequency oscillator calibration.
Use the following procedure to capture the time stamp:
1. Set the CAPTURE_TIMESTAMP bit to 1 to enable the capture
of the time stamp on the next rising edge of the selected GPIOx
input.
2. The host provides the initial time stamp trigger on the selected
GPIOx at an appropriate time.
3. The CAPTURE_TIMESTAMP bit is cleared when the
time stamp signal is captured unless the TIMESTAMP_AL-
WAYS_EN bit is set, in which case, the capture of the time
stamp is always enabled. Reenable the capture if necessary.
4. The host provides a subsequent time stamp trigger on the
selected GPIOx at an appropriate time.
5. The number of low frequency oscillator cycles that occurred
between time stamp triggers can be read from the TIME-
STAMP_COUNT_x bits.
The host must continue to handle the FIFO and/or data register
data normally during time stamp processing.
If using a dedicated pin for a time stamp that does not have transi-
tions other than the time stamp, set the TIMESTAMP_ALWAYS_EN
bit to avoid automatic clearing of the CAPTURE_TIMESTAMP bit.
This setting removes the need to enable the time stamp capture
each time.
The time stamp can calibrate the low frequency oscillator as
described in the Low Frequency Oscillator Calibration section.
The host can also use TIMESTAMP_SLOT_DELTA to determine
when the next time slot occurs. TIMESTAMP_SLOT_DELTA can
determine the arrival time of the samples currently in the FIFO.
TIMESTAMP_SLOT_DELTA does not account for the decimation
factor.
The time stamp trigger is edge sensitive and can be set to
either trigger on the rising edge (default) or falling edge using
TIMESTAMP_INV.
LOW FREQUENCY OSCILLATOR
CALIBRATION
The time stamp circuitry can be used to calibrate either the 32 kHz
or 1 MHz low frequency oscillator circuit by adjusting the frequency
to match the timing of the time stamp triggers. Simply compare the
TIMESTAMP_COUNT_x value in low frequency oscillator cycles to
the actual time stamp trigger period and adjust the OSC_32K_AD-
JUST or OSC_1M_FREQ_ ADJ value accordingly.
HIGH FREQUENCY OSCILLATOR
CALIBRATION
The high frequency oscillator is calibrated by comparing multiples of
its cycles with multiple cycles of the low frequency oscillator, which
is calibrated to the system time. Calibration of the low frequency
oscillator precedes calibration of the high frequency oscillator. The
method for calibrating the high frequency oscillator is as follows:
1. Write 1 to the OSC_32M_CAL_START bit.
2. The ADPD4200 automatically powers up the high frequency
oscillator.
3. The device automatically waits for the high frequency oscillator
to be stable.
4. An internal counter automatically counts the number of 32 MHz
high frequency oscillations that occur during 128 cycles of the
1 MHz low frequency oscillator or 4 cycles of the 32 kHz
low frequency oscillator, depending on which low frequency
oscillator is enabled based on the setting of the LFOSC_SEL
bit.
5. The OSC_32M_CAL_COUNT bits are updated with the final
count.
6. The 32 MHz oscillator automatically powers down following
calibration unless time slots are active.
7. The device resets the OSC_32M_CAL_START bit indicating the
count has been updated.
The OSC_32M_FREQ_ADJ bits adjust the frequency of the
32 MHz oscillator to the desired frequency. When using an exter-
nal low frequency oscillator, the 32 MHz oscillator calibration is
performed with respect to the externally provided low frequency
oscillator.
When low frequency oscillator and high frequency oscillator calibra-
tions are complete, set the CLK_CAL_ENA bit = 0 to disable the
clocking of the oscillator calibration circuitry to reduce power. The
CLK_CAL_ENA bit defaults to 0 so that the calibration circuitry is
disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com