Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISOUSB211 Datasheet PDF - Texas Instruments
Part # ISOUSB211
Download  ISOUSB211 Download
File Size   1475.61 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISOUSB211-Q1 High/Full/Low Speed Isolated USB Repeater

ISOUSB211 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOUSB211 Datasheet PDF - Texas Instruments

Part # ISOUSB211
Download  ISOUSB211 Click to download

File Size   1475.61 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISOUSB211-Q1 High/Full/Low Speed Isolated USB Repeater

ISOUSB211 Datasheet (HTML) - Texas Instruments


ISOUSB211 Product details

1 Features
• Compliant to USB 2.0
• Supports low speed (1.5 Mbps), full speed (12
Mbps) and high speed (480 Mbps) signaling
• Does not need external crystal or clock input
• Automatic speed and connection detection
• Supports L1 (sleep) and L2 (suspend) low-power
states
• Programmable equalization to compensate board
trace loss in high speed mode
• CDP advertising on downstream side
• Supply OK indication on opposite side
• Supports automatic role reversal for USB On-The-
Go (OTG) and Type-C® Dual Role Port (DRP)
designs
• High CMTI: 100 kV/μs
• ±8 kV IEC 61000-4-2 contact discharge protection
across isolation barrier
• VBUS voltage range: 4.25 V to 5.5 V
– 3.3 V and 1.8 V internal LDOs
• Meets CISPR32 class B emissions limits
• Ambient temperature range: –40°C to +125°C
• Small footprint 28-SSOP package
• Safety-related certifications:
– 7071-VPK VIOTM and 2121-VPK VIORM
(Reinforced) per DIN EN IEC 60747-17 (VDE
0884-17)
– 5000-VRMS isolation for 1 minute per UL 1577
– IEC 62368-1, IEC 60601-1 and IEC 61010-1
certifications
– CQC, TUV and CSA certifications

2 Applications
• USB Hub, Host, Peripheral and Cable Isolation
• Medical
• Factory automation
• Motor drives
• Grid infrastructure
• Power delivery
• USB Audio

3 Description
ISOUSB211-Q1 is a galvanically-isolated USB 2.0
compliant repeater supporting low speed (1.5 Mbps),
full speed (12 Mbps) and high speed (480 Mbps)
signaling rates. The device supports automatic
connect and speed detection, reflection of pull-ups/
pull-downs, and link power management allowing
drop-in USB hub, host, peripheral and cable isolation.
The device also supports automatic role reversal
- if after disconnect, a new connect is detected
on the Upstream facing port, then the Upstream
and Downstream port definitions are reversed.
This feature enables the device to support USB
On-The-Go (OTG) and Type-C Dual Role Port
(DRP) implementations. The ISOUSB211-Q1 has
inbuilt programmable equalization to cancel signal
loss caused by board traces, which helps in
meeting USB2.0 high-speed TX and RX eye-diagram
templates. This device uses a silicon dioxide (SiO2)
insulation barrier with a withstand voltage of up to
5000 VRMS and a working voltage of 1500 VRMS. Used
in conjunction with isolated power supplies, the device
protects against high voltage, and prevents noise
currents from the bus from entering the local ground.
The ISOUSB211-Q1 device is available for reinforced
isolation. It supports a wide ambient temperature
range of –40°C to +125°C. The device is available in
the small foot-print SSOP-28 (28-DP) package.




Similar Part No. - ISOUSB211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOUSB211 TI-ISOUSB211 Datasheet
1Mb / 40P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB211 TI-ISOUSB211 Datasheet
1Mb / 44P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB211-Q1 TI2-ISOUSB211-Q1 Datasheet
1Mb / 44P
ISOUSB211-Q1 High/Full/Low Speed Isolated USB Repeater
REVISED JULY 2026
ISOUSB211B TI-ISOUSB211B Datasheet
1Mb / 44P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB211DPEVM TI-ISOUSB211DPEVM Datasheet
1Mb / 15P
ISOUSB211DPEVM Isolated USB Evaluation Module
OCTOBER 2021
More results


Similar Description - ISOUSB211

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620_15 Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111 Datasheet
1Mb / 31P
ISOUSB111 Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB211 TI-ISOUSB211 Datasheet
1Mb / 40P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
ISOUSB111 TI-ISOUSB111_V02 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED JULY 2022
ISOUSB111 TI-ISOUSB111_V03 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
ISOUSB211 TI-ISOUSB211_V01 Datasheet
1Mb / 44P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
logo
Advantech Co., Ltd.
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com