Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4010Y4 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

GL4010Y4 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # GL4010Y4
Download  GL4010Y4 Download
File Size   381.52 Kbytes
Page   9 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Input operation range: 2.7 - 5.5V

GL4010Y4 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL4010Y4 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # GL4010Y4
Download  GL4010Y4 Click to download

File Size   381.52 Kbytes
Page   9 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Input operation range: 2.7 - 5.5V

GL4010Y4 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


GL4010Y4 Product details

General Description
The GL4010Y4 is a compact, fully integrated and high efficiency Buck-Boost converter for loading
less than 500mA. It can operate at an input voltage range of 2.7 – 5.5V. And its output voltage
can be programmed through I2C from 1.8V to 5.2V.
GL4010Y4 employs a proprietary 4-cycle control scheme to achieve a high efficiency conversion in all
stages of operation, input voltage is higher, lower or close to output voltage, and keep the transition
between each mode smoothly. It also maintains a low 20uA operation current during zero load.
With a standard I2C interface, one can set the output voltage at any level between 1.8V and 5.2V. In
addition, a VSEL pin with high / low digital input is provided for user to switch output voltage much
faster given the voltage setting stored in the register corresponding to VSEL=1 and 0 respectively.
GL4010Y4 is housed in a DFN2x2-10L package, together with a tiny inductor and 2 capacitors, it
provides an extreme compact solution for a programmable power system.

Features
Input operation range: 2.7 - 5.5V
I2C setting output voltage range: 1.8 - 5.2V
20uA quiescent current in operation
Output current up to 500mA
Efficiency up to 94%
OCP and OTP protection
 DFN2x2-10L package

Application
TWS battery case
Battery case for other portable smart devices
LED flashlight
Power line communication
Sensors
Powering MCU for general purpose
Power supply with envelop tracking




Similar Part No. - GL4010Y4

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL4033 GTM-GL4033 Datasheet
154Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL4033 ETL-GL4033 Datasheet
156Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
logo
List of Unclassifed Man...
GL40931 ETC-GL40931 Datasheet
426Kb / 5P
SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results


Similar Description - GL4010Y4

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
2.5V to 5.5V Input Range
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Maxim Integrated Produc...
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
MAX17222EVKIT MAXIM-MAX17222EVKIT Datasheet
484Kb / 7P
400mV to 5.5V Input Range
Rev 5; 9/20
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX25301EVKIT MAXIM-MAX25301EVKIT Datasheet
579Kb / 7P
1.7V to 5.5V Input Range
Rev 0; 8/20
MAX25222EVKIT MAXIM-MAX25222EVKIT Datasheet
4Mb / 14P
2.65V to 5.5V Input Range
Rev 0; 7/20
MAX25220EVKIT MAXIM-MAX25220EVKIT Datasheet
4Mb / 12P
2.65V to 5.5V Input Range
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com